Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 59Page - Texas Instruments AFE5807 Datasheet HTML 60Page - Texas Instruments AFE5807 Datasheet HTML 61Page - Texas Instruments AFE5807 Datasheet HTML 62Page - Texas Instruments AFE5807 Datasheet HTML 63Page - Texas Instruments AFE5807 Datasheet HTML 64Page - Texas Instruments AFE5807 Datasheet HTML 65Page - Texas Instruments AFE5807 Datasheet HTML 66Page - Texas Instruments AFE5807 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
In the 16/8/4×fcw operations modes, low phase noise clock is required for 16/8/4׃cw clocks (i.e. CLKP_16X/
CLKM_16X pins) in order to maintain good CW phase noise performance. The 1׃cw clock (i.e. CLKP_1X/
CLKM_1X pins) is only used to synchronize the multiple AFE5807 chips and is not used for demodulation. Thus
1×fcw clock’s phase noise is not a concern. However, in the 1×fcw operation mode, low phase noise clocks are
required for both CLKP_16X/ CLKM_16X and CLKP_1X/ CLKM_1X pins since both of them are used for mixer
demodulation. In general, higher slew rate clock has lower phase noise; thus clocks with high amplitude and fast
slew rate are preferred in CW operation. In the CMOS clock mode, 5V CMOS clock can achieve the highest slew
rate.
Clock phase noise can be improved by a divider as long as the divider’s phase noise is lower than the target
phase noise. The phase noise of a divided clock can be improved approximately by a factor of 20logN dB where
N is the dividing factor of 16, 8, or 4. If the target phase noise of mixer LO clock 1×fcw is 160dBc/Hz at 1KHz off
carrier, the 16×fcw clock phase noise should be better than 160-20log16=136dBc/Hz. TI’s jitter cleaners
LMK048X/CDCM7005/CDCE72010 exceed this requirement and can be selected for the AFE5807. In the 4X/1X
modes, higher quality input clocks are expected to achieve the same performance since N is smaller. Thus the
16X mode is a preferred mode since it reduces the phase noise requirement for system clock design. In addition,
the phase delay accuracy is specified by the internal clock divider and distribution circuit.
NOTE
In the 16X operation mode, the CW operation range is limited to 8 MHz due to the 16X
CLK. The maximum clock frequency for the 16X CLK is 128 MHz. In the 8X, 4X, and 1X
modes, higher CW signal frequencies up to 15 MHz can be supported with small
degradation in performance., e.g. the phase noise is degraded by 9 dB at 15MHz,
compared to 2MHz.
As the channel number in a system increases, clock distribution becomes more complex. It is not preferred to
use one clock driver output to drive multiple AFEs since the clock buffer’s load capacitance increases by a factor
of N. As a result, the falling and rising time of a clock signal is degraded. A typical clock arrangement for multiple
AFE5807s is illustrated in Figure 90. Each clock buffer output drives one AFE5807 in order to achieve the best
signal integrity and fastest slew rate, i.e. better phase noise performance. When clock phase noise is not a
concern, e.g. the 1×fcw clock in the 16/8/4×fcw operation modes, one clock driver output may excite more than
one AFE5807s. Nevertheless, special considerations should be applied in such a clock distribution network
design. In typical ultrasound systems, it is preferred that all clocks are generated from a same clock source, such
as 16×fcw , 1×fcw clocks, audio ADC clocks, RF ADC clock, pulse repetition frequency signal, frame clock and
etc. By doing this, interference due to clock asynchronization can be minimized
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com