Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 25Page - Texas Instruments AFE5807 Datasheet HTML 26Page - Texas Instruments AFE5807 Datasheet HTML 27Page - Texas Instruments AFE5807 Datasheet HTML 28Page - Texas Instruments AFE5807 Datasheet HTML 29Page - Texas Instruments AFE5807 Datasheet HTML 30Page - Texas Instruments AFE5807 Datasheet HTML 31Page - Texas Instruments AFE5807 Datasheet HTML 32Page - Texas Instruments AFE5807 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
t
1
t
2
t
3
Device Ready for
Serial Register Write
Device Ready for
Data Conversion
Start of Clock
AVDD
AVDD_5V
AVDD_ADC
DVDD
RESET
SEN
CLKP_ADC
t
4
t
7
t
8
t
6
t
5
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
10µs< t1 < 50ms, 10µs<t2<50ms, –10ms<t3 < 10ms, t4>10ms, t5>100ns, t6>100ns, t7>10ms, and t8>100µs.
The AVDDx and DVDD power-on sequence does not matter as long as –10ms < t3 < 10ms. Similar considerations
apply while shutting down the device.
Figure 62. Recommended Power-up Sequencing and Reset Timing
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com