Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 44Page - Texas Instruments AFE5807 Datasheet HTML 45Page - Texas Instruments AFE5807 Datasheet HTML 46Page - Texas Instruments AFE5807 Datasheet HTML 47Page - Texas Instruments AFE5807 Datasheet HTML 48Page - Texas Instruments AFE5807 Datasheet HTML 49Page - Texas Instruments AFE5807 Datasheet HTML 50Page - Texas Instruments AFE5807 Datasheet HTML 51Page - Texas Instruments AFE5807 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
I/Q CLK
Generator
4X/8X Clock
D Q
INV
1X Clock
LNA1
Weight
Weight
Weight
Weight
LNA2~8
In-phase
CLK
Quadrature
CLK
I/V
I/V
Summed
In-Phase
Summed
Quadrature
delayed
in
in
in
0
delayed
in
in
in
0
2
2
1
I
(t)
I cos
Q sin
I
t
16
16
16
2
2
1
Q
(t)
Q cos
I sin
Q
t
16
16
16
æ
ö
p
p
æ
ö
æ
ö
=
+
=
+
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
æ
ö
p
p
æ
ö
æ
ö
=
-
=
+
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
f
f
1
T
16
1
T
16
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
Good phase accuracy and matching are also maintained. Quadature clock generator is used to create in-phase
and quadrature clocks with exact 90° phase difference. The only difference between 8 × ƒcw and 4 × ƒcw modes
is the accessibility of the 3rd and 5th harmonic suppression filter. In the 8 × ƒcw mode, the suppression filter can
be supported. In both modes,
phase delay resolution is achieved by weighting the in-phase and quadrature
paths correspondingly. For example, if a delay of
or 22.5° is targeted, the weighting coefficients should
follow the below equations, assuming Iin and Qin are sin(ω0t) and cos(ω0t) respectively:
(4)
Therefore after I/Q mixers, phase delay in the received signals is compensated. The mixers outputs from all
channels are aligned and added linearly to improve the signal to noise ratio. It is preferred to have the 4 × ƒcw or
8 × ƒcw and 1 × ƒcw clocks aligned both at the rising edge.
Figure 74. 8 X ƒcw and 4 X ƒcw Block Diagram
48
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com