Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 33Page - Texas Instruments AFE5807 Datasheet HTML 34Page - Texas Instruments AFE5807 Datasheet HTML 35Page - Texas Instruments AFE5807 Datasheet HTML 36Page - Texas Instruments AFE5807 Datasheet HTML 37Page - Texas Instruments AFE5807 Datasheet HTML 38Page - Texas Instruments AFE5807 Datasheet HTML 39Page - Texas Instruments AFE5807 Datasheet HTML 40Page - Texas Instruments AFE5807 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 75 page
background image
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
Table 4. VCA Register Map (continued)
ADDRESS ADDRESS Default
FUNCTION
DESCRIPTION
(DEC)
(HEX)
Value
57[1:0]
0x39[1:0]
0
CH1_LNA_GAIN_CNTL
00: 18dB;
01: 24dB;
57[3:2]
0x39[3:2]
0
10: 12dB;
CH2_LNA_GAIN_CNTL
11: Reserved
REG52[15] should be set as '1'
57[5:4]
0x39[5:4]
0
CH3_LNA_GAIN_CNTL
00: 18dB;
01: 24dB;
57[7:6]
0x39[7:6]
0
CH4_LNA_GAIN_CNTL
10: 12dB;
57[9:8]
0x39[9:8]
0
CH5_LNA_GAIN_CNTL
11: Reserved
REG52[15] should be set as '1'
57[11:10]
0x39[11:1
0
CH6_LNA_GAIN_CNTL
0]
57[13:12]
0x39[13:1
0
CH7_LNA_GAIN_CNTL
2]
57[15:14]
0x39[15:1
0
CH8_LNA_GAIN_CNTL
4]
59[3:2]
0x3B[3:2]
0
HPF_LNA
00: 100KHz;
01: 50Khz;
10: 200Khz;
11: 150KHz with 0.015uF on INMx
59[6:4]
0x3B[6:4]
0
DIG_TGC_ATT_GAIN
000: 0dB attenuation;
001: 6dB attenuation;
N: ~N×6dB attenuation when 59[7] = 1
59[7]
0x3B[7]
0
DIG_TGC_ATT
0: disable digital TGC attenuator;
1: enable digital TGC attenuator
59[8]
0x3B[8]
0
CW_SUM_AMP_PDN
0: Power down;
1: Normal operation
Note: 59[8] is only effective in TGC test mode.
59[9]
0x3B[9]
0
PGA_TEST_MODE
0: Normal CW operation;
1: PGA outputs appear at CW outputs
VCA Register Description
LNA Input Impedances Configuration (Active Termination Programmability)
Different LNA input impedances can be configured through the register 52[4:0]. By enabling and disabling the
feedback resistors between LNA outputs and ACTx pins, LNA input impedance is adjustable accordingly. Table 5
describes the relationship between LNA gain and 52[4:0] settings. The input impedance settings are the same for
both TGC and CW paths.
The AFE5807 also has 4 preset active termination impedances as described in 52[7:6]. An internal decoder is
used to select appropriate resistors corresponding to different LNA gain.
Table 5. Register 52[4:0] Description
52[4:0]/0x34[4:0]
FUNCTION
00000
No feedback resistor enabled
00001
Enables 450
Ω feedback resistor
00010
Enables 900
Ω feedback resistor
00100
Enables 1800
Ω feedback resistor
01000
Enables 3600
Ω feedback resistor
10000
Enables 4500
Ω feedback resistor
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com