Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 38 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 34Page - Texas Instruments AFE5807 Datasheet HTML 35Page - Texas Instruments AFE5807 Datasheet HTML 36Page - Texas Instruments AFE5807 Datasheet HTML 37Page - Texas Instruments AFE5807 Datasheet HTML 38Page - Texas Instruments AFE5807 Datasheet HTML 39Page - Texas Instruments AFE5807 Datasheet HTML 40Page - Texas Instruments AFE5807 Datasheet HTML 41Page - Texas Instruments AFE5807 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
Table 6. Register 52[4:0] vs LNA Input Impedances
52[4:0]/0x34[4:0]
00000
00001
00010
00011
00100
00101
00110
00111
LNA:12dB
High Z
150
Ω
300
Ω
100
Ω
600
Ω
120
Ω
200
Ω
86
Ω
LNA:18dB
High Z
90
Ω
180
Ω
60
Ω
360
Ω
72
Ω
120
Ω
51
Ω
LNA:24dB
High Z
50
Ω
100
Ω
33
Ω
200
Ω
40
Ω
66.67
Ω
29
Ω
52[4:0]/0x34[4:0]
01000
01001
01010
01011
01100
01101
01110
01111
LNA:12dB
1200
Ω
133
Ω
240
Ω
92
Ω
400
Ω
109
Ω
171
Ω
80
Ω
LNA:18dB
720
Ω
80
Ω
144
Ω
55
Ω
240
Ω
65
Ω
103
Ω
48
Ω
LNA:24dB
400
Ω
44
Ω
80
Ω
31
Ω
133
Ω
36
Ω
57
Ω
27
Ω
52[4:0]/0x34[4:0]
10000
10001
10010
10011
10100
10101
10110
10111
LNA:12dB
1500
Ω
136
Ω
250
Ω
94
Ω
429
Ω
111
Ω
176
Ω
81
Ω
LNA:18dB
900
Ω
82
Ω
150
Ω
56
Ω
257
Ω
67
Ω
106
Ω
49
Ω
LNA:24dB
500
Ω
45
Ω
83
Ω
31
Ω
143
Ω
37
Ω
59
Ω
27
Ω
52[4:0]/0x34[4:0]
11000
11001
11010
11011
11100
11101
11110
11111
LNA:12dB
667
Ω
122
Ω
207
Ω
87
Ω
316
Ω
102
Ω
154
Ω
76
Ω
LNA:18dB
400
Ω
73
Ω
124
Ω
52
Ω
189
Ω
61
Ω
92
Ω
46
Ω
LNA:24dB
222
Ω
41
Ω
69
Ω
29
Ω
105
Ω
34
Ω
51
Ω
25
Ω
38
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com