Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 3Page - Texas Instruments AFE5807 Datasheet HTML 4Page - Texas Instruments AFE5807 Datasheet HTML 5Page - Texas Instruments AFE5807 Datasheet HTML 6Page - Texas Instruments AFE5807 Datasheet HTML 7Page - Texas Instruments AFE5807 Datasheet HTML 8Page - Texas Instruments AFE5807 Datasheet HTML 9Page - Texas Instruments AFE5807 Datasheet HTML 10Page - Texas Instruments AFE5807 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5V = 5V, AVDD = 3.3V, AVDD_ADC = 1.8V, DVDD = 1.8V, AC-coupled with 0.1µF at INP and bypassed to ground
with 15nF at INM, No active termination, VCNTL= 0V, fIN = 5MHz, LNA = 18dB, PGA = 24dB, 12Bit, sample rate = 80MSPS,
LPF Filter = 15MHz, low power mode (default power mode), VOUT = –1dBFS, internal 500Ω CW feedback resistor, CMOS CW
clocks, ADC configured in internal reference mode, Single-ended VCNTL mode, VCNTLM = GND, at ambient temperature
TA = 25°C, unless otherwise noted. Min and max values are specified across full-temperature range with AVDD_5V = 5V,
AVDD = 3.3V, AVDD_ADC = 1.8V, DVDD = 1.8V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
3rd order-Low-pass Filter
10, 15, 20, 30
MHz
Settling time for change in LNA gain
14
µs
Settling time for change in active
1
µs
termination setting
AC ACCURACY
LPF Bandwidth tolerance
±5%
CH-CH group delay variation
2MHz to 15MHz
2
ns
CH-CH Phase variation
15MHz signal
11
Degree
0V < VCNTL< 0.1V (Dev-to-Dev)
±0.5
0.1V < VCNTL<1.1V (Dev-to-Dev)
–1
±0.5
1
Gain matching
dB
0.1V < VCNTL<1.1V (Dev-to-Dev) Temp = 0°C and 85°C
–1.2
±0.5
1.2
1.1V < VCNTL<1.5V (Dev-to-Dev)
±0.5
Gain matching
Channel-to-Channel
±0.25
dB
Output offset
Vcntl= 0, PGA = 30dB, LNA=24dB
–50
50
LSB
AC PERFORMANCE
Fin = 2MHz; VOUT = -1dBFS, low power and low noise modes
–60
Fin = 5MHz; VOUT = -1dBFS, low power and low noise modes
–60
Fin = 5MHz; VIN= 500mVpp,
–55
HD2
Second-Harmonic Distortion
dBc
VOUT = –1dBFS, LNA = 18dB
Fin = 5MHz; VIN = 250mVpp,
–55
VOUT = –1dBFS, LNA = 24dB, VCNTL = 0.88V, low power and low noise
modes
Fin = 2MHz; VOUT = –1dBFS, low power and low noise modes
–53
Fin = 5MHz; VOUT = –1dBFS, low power and low noise modes
–54
Fin = 5MHz; VIN = 500mVpp,
–52/–55
VOUT = –1dBFS, LNA = 18dB, VCNTL = 0.88V, Low power mode/Low
HD3
Third-Harmonic Distortion
dBc
Noise Mode
Fin = 5MHz; VIN = 250mVpp,
–52/–55
VOUT = –1dBFS, LNA = 24dB, VCNT L= 0.88V, Low power mode/Low
Noise Mode
Fin = 2MHz; VOUT = –1dBFS
–52
THD
Total Harmonic Distortion
dBc
Fin = 5MHz; VOUT = –1dBFS
–52
f1 = 5MHz at –1dBFS,
IMD3
Intermodulation distortion
–60
dBc
f2 = 5.01MHz at –27dBFS, low noise mode/low power mode
XTALK
Cross-talk
Fin = 5MHz; VOUT= –1dBFS
–65
dB
Phase Noise
1kHz off 5MHz (VCNTL= 0V)
–132
dBc/Hz
LNA
Rs = 0
Ω, f = 2MHz, Rin = High Z, Gain = 24/18/12dB, low power mode
0.99/1.0/1.05
Input Referred Voltage Noise
nV/rtHz
Rs = 0
Ω, f = 2MHz, Rin = High Z, Gain = 24/18/12dB, Low Noise Mode
0.63/0.70/0.9
High-Pass Filter
-3dB Cut-off Frequency
50/100/150/200
KHz
LNA linear output
4
Vpp
VCAT+ PGA
VCAT Input Noise
0dB/-40dB Attenuation
2/10.5
nV/rtHz
PGA Input Noise
24dB and 30dB, low noise mode/low power mode
1.75/3
nV/rtHz
-3dB HPF cut-off Frequency
80
KHz
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com