Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 24Page - Texas Instruments AFE5807 Datasheet HTML 25Page - Texas Instruments AFE5807 Datasheet HTML 26Page - Texas Instruments AFE5807 Datasheet HTML 27Page - Texas Instruments AFE5807 Datasheet HTML 28Page - Texas Instruments AFE5807 Datasheet HTML 29Page - Texas Instruments AFE5807 Datasheet HTML 30Page - Texas Instruments AFE5807 Datasheet HTML 31Page - Texas Instruments AFE5807 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
A7
A6
A5
A4
A3
A2
A1
A0
SEN
SCLK
SDATA
SDOUT
Start Sequence
End Sequence
t
7
t
6
t
2
t
4
t
1
t
5
t
3
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
t
8
AFE5807
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
www.ti.com
SPI Timing Characteristics
Minimum values across full temperature range tMIN = 0°C to tMAX = 85°C, AVDD_5V =5.0V, AVDD=3.3V,
AVDD_ADC=1.8V, DVDD=1.8V
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
SCLK period
50
ns
t2
SCLK high time
20
ns
t3
SCLK low time
20
ns
t4
Data setup time
5
ns
t5
Data hold time
5
ns
t6
SEN fall to SCLK rise
8
ns
t7
Time between last SCLK rising edge to SEN rising edge
8
ns
t8
SDOUT Delay
12
20
28
ns
Register Readout
The device includes an option where the contents of the internal registers can be read back. This may be useful
as a diagnostic test to verify the serial interface communication between the external controller and the AFE.
First, the <REGISTER READOUT ENABLE> bit (Reg0[1]) needs to be set to '1'. Then user should initiate a
serial interface cycle specifying the address of the register (A7-A0) whose content has to be read. The data bits
are "don’t care". The device will output the contents (D15-D0) of the selected register on the SDOUT pin. The
SDOUT has a typical delay, t8, of 20nS from the fallin edge of the SCLK. For lower speed SCLK, SDOUT can be
latched on the rising edge of SCLK. For higher speed SCLK, e.g. the SCLK period less than 60 nS, it is better to
latch the SDOUT at the next falling edge of SCLK. The following timing diagram shows this operation (the time
specifications follow the same information provided. In the readout mode, users still can access the <REGISTER
READOUT ENABLE> through SDATA/SCLK/SEN. To enable serial register writes, set the <REGISTER
READOUT ENABLE> bit back to '0'.
Figure 61. Serial Interface Register Read
The AFE5807 SDOUT buffer is 3-stated and will get enabled only when 0[1] (REGISTER READOUT ENABLE) is
enabled. SDOUT pins from multiple AFE5807s can be tied together without any pull-up resistors. Level shifter
SN74AUP1T04 can be used to convert 1.8V logic to 2.5V/3.3V logics if needed.
28
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com