Electronic Components Datasheet Search
  English  ▼

X  

AFE5807 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5807
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5807 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AFE5807 Datasheet HTML 55Page - Texas Instruments AFE5807 Datasheet HTML 56Page - Texas Instruments AFE5807 Datasheet HTML 57Page - Texas Instruments AFE5807 Datasheet HTML 58Page - Texas Instruments AFE5807 Datasheet HTML 59Page - Texas Instruments AFE5807 Datasheet HTML 60Page - Texas Instruments AFE5807 Datasheet HTML 61Page - Texas Instruments AFE5807 Datasheet HTML 62Page - Texas Instruments AFE5807 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
HP
INT /EXT
EXT
1
2 R
C
=
p
f
AFE5807
www.ti.com
SLOS703C – SEPTEMBER 2010 – REVISED MAY 2013
CW OPERATION
CW Summing Amplifier
In order to simplify CW system design, a summing amplifier is implemented in the AFE5807 to sum and convert
8-channel mixer current outputs to a differential voltage output. Low noise and low power are achieved in the
summing amplifier while maintaining the full dynamic range required in CW operation.
This summing amplifier has 5 internal gain adjustment resistors which can provide 32 different gain settings
(register 54[4:0], Figure 85 and Table 7). System designers can easily adjust the CW path gain depending on
signal strength and transducer sensitivity. For any other gain values, an external resistor option is supported. The
gain of the summation amplifier is determined by the ratio between the 500
Ω resistors after LNA and the internal
or external resistor network REXT/INT. Thus the matching between these resistors plays a more important role than
absolute resistor values. Better than 1% matching is achieved on chip. Due to process variation, the absolute
resistor tolerance could be higher. If external resistors are used, the gain error between I/Q channels or among
multiple AFEs may increase. It is recommended to use internal resistors to set the gain in order to achieve better
gain matching (across channels and multiple AFEs). With the external capacitor CEXT , this summing amplifier
has 1st order LPF response to remove high frequency components from the mixers, such as 2f0±fd. Its cut-off
frequency is determined by:
(8)
Note that when different gain is configured through register 54[4:0], the LPF response varies as well.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: AFE5807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com