Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 291 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 291 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 287Page - STMicroelectronics UM0434 Datasheet HTML 288Page - STMicroelectronics UM0434 Datasheet HTML 289Page - STMicroelectronics UM0434 Datasheet HTML 290Page - STMicroelectronics UM0434 Datasheet HTML 291Page - STMicroelectronics UM0434 Datasheet HTML 292Page - STMicroelectronics UM0434 Datasheet HTML 293Page - STMicroelectronics UM0434 Datasheet HTML 294Page - STMicroelectronics UM0434 Datasheet HTML 295Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 390 page
background image
Power management
UM0434
292/391
10
Power management
This chapter describes the power management facilities as they are defined by Book E and
implemented in devices that contain the core. The scope of this chapter is limited to core
complex features. Additional power management capabilities associated with a device that
integrates this core (referred to as an integrated device) are documented separately.
10.1
Overview
Power management minimizes overall system power consumption. The core provides the
ability to initiate power management from external sources as well as through software
techniques.
Table 191 describes core power states.
Table 191.
Power states
State
Description
Active
(Default)
All internal units on the core operate at full processor clock speed. The core provides
dynamic power management in which idle internal units may stop clocking automatically.
Halted
Instruction execution and bus activity are suspended, and most internal clocks are gated
off. The core asserts
p_halted to indicate it is in the halted state. Before entering halted
state, all outstanding bus transactions complete, and the cache’s store and push buffers
are flushed. The
m_clk input should remain running to allow further transitions into the
power-down state if requested and to keep the time base operational if it is using
m_clk as
the clock source.
Power
down
(stopped)
All core functional units except the time base unit and clock control state machine logic
are stopped.
m_clk may be kept running to keep the time base active and to allow quick
recovery to full-on state. Clocks are not running to functional units except to the time
base. The core reaches power-down state after transitioning through halted state with
p_stop asserted; at this point p_stopped output is asserted.
Additional power may be saved by disabling the time base by asserting
p_tbdisable or by
integrated logic stopping
m_clk after the core is in power-down state and has asserted
p_stopped.
To exit power-down state, integrated logic must first restart
m_clk.
Because the time base is off during power-down state, if
m_clk is the clock source and is
stopped, or if time base clocking is disabled by the assertion of
p_tbdisable, system
software must usually have to access an external time base source after returning to the
full-on state to reinitialize the time base unit. A time-base related interrupt source (such as
the decrementer) cannot be used to exit low-power states.
The core also provides the ability to clock the time base from an independent (but
externally synchronized) clock source, which allows the time base to be maintained
during the power-down state, and allows a time-base related interrupt to be generated to
indicate an exit condition from the power-down state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com