Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 292 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 292 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 288Page - STMicroelectronics UM0434 Datasheet HTML 289Page - STMicroelectronics UM0434 Datasheet HTML 290Page - STMicroelectronics UM0434 Datasheet HTML 291Page - STMicroelectronics UM0434 Datasheet HTML 292Page - STMicroelectronics UM0434 Datasheet HTML 293Page - STMicroelectronics UM0434 Datasheet HTML 294Page - STMicroelectronics UM0434 Datasheet HTML 295Page - STMicroelectronics UM0434 Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 390 page
background image
UM0434
Power management
293/391
Figure 64 is a power management state diagram.
Figure 64.
Power management state diagram
10.1.1
Power management signals
Table 191 summarizes power management signals.
More detailed information is provided in
Chapter 9.5.5: Power management on page 289.”
Halted
Power-Down
~
p_stop & p_halt
p_stop
~
p_halt & ~p_stop
p_halt | p_stop
~
p_stop
p_stop
Active
~
p_halt & ~p_stop
(
p_stopped asserted)
(
p_halted asserted)
Table 192.
Descriptions of timer facility and power management signals
Signal
I/O
Signal description
p_halt
I
Processor halt request. The active-high
p_halt input requests that the core enter
the halted state.
p_halted
O
Processor halted. The active-high
p_halted output indicates that the core entered
the halted state.
p_stop
I
Processor stop request. The active-high
p_stop input requests that the core enter
the stopped state.
p_stopped
O
Processor stopped. The active-high
p_stopped output indicates that the core
entered stopped state.
p_doze
p_nap
p_sleep
O
Low-power mode. These signals are asserted by the core to reflect the settings of
the HID0[DOZE], HID0[NAP], and HID0[SLEEP] control bits when MSR[WE] is
set. The core can be placed in a low-power state by forcing
m_clk to a quiescent
state, and brought out of low-power state by re-enabling
m_clk. The time base
facilities may be separately enabled or disabled using combinations of the timer
facility control signals.
p_wakeup
O
Wakeup. Used by external logic to remove the core and system logic from a low-
power state. It can also indicate to the system clock controller that
m_clk should be
re-enabled for debug purposes.
p_wakeup (or other system state) should be monitored to determine when to
release the core (and system if applicable) from a low-power state.
p_tbdisable
I
Timer disable. Used to disable the internal time base and decrementer counters.
This signal can be used to freeze the state of the time base and decrementer
during low power or debug operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com