Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 294 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 294 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 290Page - STMicroelectronics UM0434 Datasheet HTML 291Page - STMicroelectronics UM0434 Datasheet HTML 292Page - STMicroelectronics UM0434 Datasheet HTML 293Page - STMicroelectronics UM0434 Datasheet HTML 294Page - STMicroelectronics UM0434 Datasheet HTML 295Page - STMicroelectronics UM0434 Datasheet HTML 296Page - STMicroelectronics UM0434 Datasheet HTML 297Page - STMicroelectronics UM0434 Datasheet HTML 298Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 390 page
background image
UM0434
Power management
295/391
The vectored interrupt capability provided by the core may help determine whether an
external hardware interrupt is used to perform the wake-up.
10.1.4
Debug considerations for power management
When a debug request is presented to the core when it is in either the halted or stopped
state,
p_wakeup is asserted, and when m_clk is provided to the CPU, it temporarily exits the
halted or stopped state and enters debug mode, regardless of the assertion of
p_halt or
p_stop. The p_halted and p_stopped outputs are negated as long as the CPU remains in a
debug session (
jd_debug_b asserted). When the debug session is exited, the CPU
resamples the
p_halt and p_stop inputs and re-enters halted or stopped state as
appropriate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com