Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 101 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 101 Page - NEC

Back Button UPD17015 Datasheet HTML 97Page - NEC UPD17015 Datasheet HTML 98Page - NEC UPD17015 Datasheet HTML 99Page - NEC UPD17015 Datasheet HTML 100Page - NEC UPD17015 Datasheet HTML 101Page - NEC UPD17015 Datasheet HTML 102Page - NEC UPD17015 Datasheet HTML 103Page - NEC UPD17015 Datasheet HTML 104Page - NEC UPD17015 Datasheet HTML 105Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 120 page
background image
101
µPD17015
15.5
POWER FAILURE DETECTION
Power failure detection is used to judge whether the device is reset by turning on VDD or by the CE pin, as shown
in Fig. 15-7.
Since the contents of the data memory, output ports, etc. become “undefined” when VDD is turned on, they are
initialized by power failure detection.
A power failure can be detected by using a power failure detection circuit to detect the BTM0CY flag.
Fig. 15-7 Power Failure Detection Flowchart
Program start
Power
failure detect-
ion
Power failure
No power failure
Data memory,
output port, etc.
initialization
15.5.1
Power Failure Detection Circuit
As shown in Fig. 15-1, the power failure detection circuit consists of a voltage detection circuit and timer carry
disable flip-flop that is reset by the output (power-on clear signal) of the voltage detection circuit, and basic timer 0
carry.
The basic timer 0 carry disable flip-flop is set (1) by the power-on clear signal and is cleared (0) when a BTM0CY
flag read instruction is executed.
When the basic timer 0 carry disable flip-flop is set (1), the BTM0CY flag is not set (1).
That is, when the power-on clear signal is output (at power-on reset), the program starts in the state in which the
BTM0CY flag is reset and the setting disabled state is set until a BTM0CY read instruction is executed thereafter.
Once a BTM0CY read instruction is executed, the BTM0CY flag is set at each rising edge of the BTM0CY flag
set pulse thereafter. When reset is applied to the device, the contents of the BTM0CY flag are monitored. If the
BTM0CY flag has been cleared (0), power-on reset (power failure) is judged and if the BTM0CY flag has been set
(1), CE reset (no power failure) is judged.
Since the voltage that can detect a power failure is the same as the voltage applied by power-on reset, VDD becomes
1.8 V (TA = –10 to +50
°C) at crystal oscillation and clock-stop (see Section 15.2).
Fig. 15-8 shows the BTM0CY flag state transition.
Fig. 15-9 shows timing chart and BTM0CY flag operation specified in Fig. 15-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com