Electronic Components Datasheet Search
  English  ▼

X  

UPD17015 Datasheet(PDF) 104 Page - NEC

Part # UPD17015
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015 Datasheet(HTML) 104 Page - NEC

Back Button UPD17015 Datasheet HTML 100Page - NEC UPD17015 Datasheet HTML 101Page - NEC UPD17015 Datasheet HTML 102Page - NEC UPD17015 Datasheet HTML 103Page - NEC UPD17015 Datasheet HTML 104Page - NEC UPD17015 Datasheet HTML 105Page - NEC UPD17015 Datasheet HTML 106Page - NEC UPD17015 Datasheet HTML 107Page - NEC UPD17015 Datasheet HTML 108Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 120 page
background image
104
µPD17015
15.5.2
Cautions at Power Failure Detection with BTM0CY Flag
When clock counting, etc. is performed with the BTM0CY flag, careful attention must be given to the following points.
(1) Clock updating
When writing a clock program by using basic timer 0, the clock must be updated after a power failure.
This is because the BTM0CY flag is cleared (0) and one clock count is lost by BTM0CY flag reading when a power
failure is detected.
(2) Clock update processing time
When the clock is updated, its processing must end before the next rising edge of the BTM0CY flag set pulse.
This is because if the CE pin rises to high level during clock update processing, the clock update processing will
not be executed up to the end and a CE reset will be applied.
For (1) and (2) above, see Section 10.2.6 (1).
When processing is performed at a power failure, careful attention must be given to the following point.
(3) Power failure detection timing
When clock counting, etc. is performed with the BTM0CY flag, the flag must be read for power-failure detection
before the next rising edge of the BTM0CY flag set pulse, after a program starts from address 0000H.
This is because when the BTM0CY flag set time is set to 125 ms, for instance, and power failure detection is
performed 126 ms after the program starts, one BTM0CY flag is lost.
See Section 10.2.6 (1).
As shown in the example on the next page, power failure detection and initialization must be performed within
the BTM0CY flag set time.
This is because when the CE pin is raised and CE reset is applied during power failure processing and initialization,
these processings are interrupted and a problem may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com