Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 52Page - STMicroelectronics AN4650 Datasheet HTML 53Page - STMicroelectronics AN4650 Datasheet HTML 54Page - STMicroelectronics AN4650 Datasheet HTML 55Page - STMicroelectronics AN4650 Datasheet HTML 56Page - STMicroelectronics AN4650 Datasheet HTML 57Page - STMicroelectronics AN4650 Datasheet HTML 58Page - STMicroelectronics AN4650 Datasheet HTML 59Page - STMicroelectronics AN4650 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
Mode 2 - sensor hub mode
AN4650
56/102
DocID027415 Rev 1
6
Mode 2 - sensor hub mode
The hardware flexibility of the LSM6DS3 allow connecting the pins with different mode
connections to external sensors to expand functionalities such as adding a sensor hub and
an auxiliary SPI.
Three different mode connections are available:
Mode 1 - Slave-only mode: I2C/SPI(3- and 4-wire) slave interface is available;
Mode 2 - Sensor Hub mode: I2C/SPI(3- and 4-wire) slave interface and I2C master
interface for the connection of external sensors are available;
Mode 3 - Auxiliary SPI mode: I2C slave interface and auxiliary SPI (3-wire) interface
for external device connection (i.e. EIS application) are available (see Chapter 7).
The pin connections and function for each mode are described in the LSM6DS3 datasheet;
Mode 2 connection mode is described in detail in the following paragraphs.
6.1
Sensor hub mode description
In sensor hub mode (Mode 2) up to 4 external sensors can be connected to the I2C master
interface of LSM6DS3 device.
External sensor data can also be stored in FIFO with a configurable decimation factor (see
Chapter 8 for details).
If both the accelerometer and the gyroscope are in Power-Down mode, the sensor hub
doesn’t work.
All external sensors have to be connected in parallel to the SDx/SCx pins of the device, as
illustrated in Figure 18 for a single external sensor. External pull-up resistors and the
external trigger signal connection are optional and depend on the configuration of the
registers.
Figure 18. External sensor connections in Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com