Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 84 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 80Page - STMicroelectronics AN4650 Datasheet HTML 81Page - STMicroelectronics AN4650 Datasheet HTML 82Page - STMicroelectronics AN4650 Datasheet HTML 83Page - STMicroelectronics AN4650 Datasheet HTML 84Page - STMicroelectronics AN4650 Datasheet HTML 85Page - STMicroelectronics AN4650 Datasheet HTML 86Page - STMicroelectronics AN4650 Datasheet HTML 87Page - STMicroelectronics AN4650 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
First-in first-out (FIFO) buffer
AN4650
84/102
DocID027415 Rev 1
8.2.4
Continuous-to-FIFO mode
This mode is a combination of the Continuous and FIFO modes previously described. In
Continuous-to-FIFO mode, the FIFO buffer starts operating in Continuous mode and
switches to FIFO mode when an event condition occurs.
The event condition can be one of the following:
Significant Motion: event detection has to be configured and the INT1_SIG_MOT bit of
the INT1_CTRL register has to be set to 1;
Tilt: event detection has to be configured and the INT2_TILT bit of the MD2_CFG
register has to be set to 1;
Step detection: event detection has to be configured and the INT1_STEP_DETECTOR
bit of the INT1_CTRL register has to be set to 1;
Single tap: event detection has to be configured and the INT2_SINGLE_TAP bit of the
MD2_CFG register has to be set to 1;
Double tap: event detection has to be configured and the INT2_DOUBLE_TAP bit of
the MD2_CFG register has to be set to 1;
Free-fall: event detection has to be configured and the INT2_FF bit of the MD2_CFG
register has to be set to 1;
Wake-up: event detection has to be configured and the INT2_WU bit of the MD2_CFG
register has to be set to 1;
6D: event detection has to be configured and the INT2_6D bit of the MD2_CFG register
has to be set to 1.
Continuous-to-FIFO mode is sensitive to the level of the interrupt signal and not to the edge,
which means that if Continuous-to-FIFO is in FIFO mode and the interrupt condition
disappears, the FIFO buffer returns to Continuous mode. It is recommended to latch the
interrupt signal used as the FIFO event in order to avoid losing interrupt events (the interrupt
signal has to be driven to the interrupt pin so that the latch function takes effect).
Figure 26. Continuous-to-FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com