Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 59 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 55Page - STMicroelectronics AN4650 Datasheet HTML 56Page - STMicroelectronics AN4650 Datasheet HTML 57Page - STMicroelectronics AN4650 Datasheet HTML 58Page - STMicroelectronics AN4650 Datasheet HTML 59Page - STMicroelectronics AN4650 Datasheet HTML 60Page - STMicroelectronics AN4650 Datasheet HTML 61Page - STMicroelectronics AN4650 Datasheet HTML 62Page - STMicroelectronics AN4650 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
DocID027415 Rev 1
59/102
AN4650
Mode 2 - sensor hub mode
102
Slave0_reg[7:0] bits are used to indicate the address of the register of the first external
sensor to be written (if the rw_0 bit of the SLV0_ADD register is set to 0) or the address
of the first register to be read (if the rw_0 bit of the SLV0_ADD register is set to 1).
Slave0_rate[1:0] bits are used to define the decimation factor applied to read
operations on the first external sensor starting from the sensor hub trigger:
–
00: no decimation
–
01: update every 2 sensor hub trigger events
–
10: update every 4 sensor hub trigger events
–
11: update every 8 sensor hub trigger events
Aux_sens_on[1:0] bits have to be used to indicate the number of external sensors to be
managed by the sensor hub:
–
00: one external sensor
–
01: two external sensors
–
10: three external sensors
–
11: four external sensors
Src_mode bit enables/disabled Source Mode conditioned reading. When this bit is set
to 1, Source Mode conditioned reading is enabled; before proceeding with the reading
of the register address indicated in the SLV0_SUBADD register, the content of the
register at the address specified in DATAWRITE_SRC_MODE_SUB_SLV0 is checked:
if the content is non-zero the operation continues, else the reading operation is
interrupted. Source Mode conditioned reading is available on slave 0 only.
Slave0_numop[2:0] bits are dedicated to define the number of consecutive read
operations to be performed on the first external sensor starting from the register
address indicated in the SLV0_SUBADD register.
Table 37. SLV0_SUBADD register
b7
b6
b5
b4
b3
b2
b1
b0
Slave0
_reg7
Slave0
_reg6
Slave0
_reg5
Slave0
_reg4
Slave0
_reg3
Slave0
_reg2
Slave0
_reg1
Slave0
_reg0
Table 38. SLAVE0_CONFIG register
b7
b6
b5
b4
b3
b2
b1
b0
Slave0
_rate1
Slave0
_rate0
Aux_sens_
on1
Aux_sens_
on0
Src_mode
Slave0
_numop2
Slave0
_numop1
Slave0
_numop0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com