Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 77 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 73Page - STMicroelectronics AN4650 Datasheet HTML 74Page - STMicroelectronics AN4650 Datasheet HTML 75Page - STMicroelectronics AN4650 Datasheet HTML 76Page - STMicroelectronics AN4650 Datasheet HTML 77Page - STMicroelectronics AN4650 Datasheet HTML 78Page - STMicroelectronics AN4650 Datasheet HTML 79Page - STMicroelectronics AN4650 Datasheet HTML 80Page - STMicroelectronics AN4650 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
DocID027415 Rev 1
77/102
AN4650
First-in first-out (FIFO) buffer
102
8.1.5
FIFO_CTRL5 (0Ah)
The FIFO_CTRL5 register contains the FIFO operating mode bits (FIFO_MODE_[2:0]) and
the FIFO output data rate bits (ODR_FIFO_[3:0]).
FIFO operating modes (Table 63) are described in Section 8.2.
When the internal trigger (accelerometer/gyroscope data-ready) is used, the
ODR_FIFO_[3:0] bits define the maximum data rate at which data are stored in FIFO. Data
can be stored in FIFO at a lower data rate using the FIFO decimation factors.
For more information on how to configure the FIFO trigger and the FIFO ODR see
Section 8.3.
Table 62. FIFO ODR selection setting
Table 60. 4th FIFO data set decimation setting
DEC_DS4_FIFO [2:0]
Configuration
000
4th FIFO data set not in FIFO
001
No decimation
010
Decimation with factor 2
011
Decimation with factor 3
100
Decimation with factor 4
101
Decimation with factor 8
110
Decimation with factor 16
111
Decimation with factor 32
Table 61. FIFO_CTRL5 register
b7
b6
b5
b4
b3
b2
b1
b0
0
ODR
_FIFO_3
ODR
_FIFO_2
ODR
_FIFO_1
ODR
_FIFO_0
FIFO
_MODE_2
FIFO
_MODE_1
FIFO
_MODE_0
ODR_FIFO [3:0]
Configuration
0000
FIFO disabled
0001
FIFO ODR is set to 10 Hz
0010
FIFO ODR is set to 25 Hz
0011
FIFO ODR is set to 50 Hz
0100
FIFO ODR is set to 100 Hz
0101
FIFO ODR is set to 200 Hz
0110
FIFO ODR is set to 400 Hz
0111
FIFO ODR is set to 800 Hz
1000
FIFO ODR is set to 1600 Hz
1001
FIFO ODR is set to 3300 Hz
1010
FIFO ODR is set to 6600 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com