Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 57 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 53Page - STMicroelectronics AN4650 Datasheet HTML 54Page - STMicroelectronics AN4650 Datasheet HTML 55Page - STMicroelectronics AN4650 Datasheet HTML 56Page - STMicroelectronics AN4650 Datasheet HTML 57Page - STMicroelectronics AN4650 Datasheet HTML 58Page - STMicroelectronics AN4650 Datasheet HTML 59Page - STMicroelectronics AN4650 Datasheet HTML 60Page - STMicroelectronics AN4650 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
DocID027415 Rev 1
57/102
AN4650
Mode 2 - sensor hub mode
102
6.2
Sensor hub mode registers
In order to enable the embedded functionalities of registers LSM6DS3, the FUNC_EN bit of
the CTRL10_C register has to be set to 1; after enabling the sensor hub functionality, the
MASTER_CONFIG register has to be used for the configuration of the I2C master interface.
A set of registers SLVx_ADD, SLVx_SUBADD, SLAVEx_CONFIG is dedicated to the
configuration of the 4 slave interfaces associated to the 4 connectable external sensors. An
additional register, DATAWRITE_SRC_MODE_SUB_SLV0, is associated to slave #0 only: it
can be used to implement the writing and the source mode conditioned reading of the
registers of the external sensor associated to slave #0.
Finally, 18 registers (from SENSORHUB1_REG to SENSORHUB18_REG) are available to
store the data read from the external sensors.
6.2.1
CTRL10_C (19h)
FUNC_EN must be set to 1 in order to enable the embedded functionalities of the
LSM6DS3 (pedometer, tilt, significant motion, ironing).
6.2.2
MASTER_CONFIG (1Ah)
This register is used to configure the I2C master interface.
DRDY_ON_INT1 bit has to be set to 1 to drive on the INT1 pin the I2C master Data-
Ready signal (corresponding to the behavior of the SENSORHUB_END_OP bit of
FUNC_SRC register). The I2C master Data-Ready signal indicates when the sensor
hub routine is complete and the external sensor data are available to be read on the
SENSORHUBx_REG registers (depending on the configuration of the SLVx_ADD,
SLVx_SUBADD, SLAVEx_CONFIG registers).
START_CONFIG bit selects the sensor hub trigger signal.
–
When this bit is set to 0, the accelerometer sensor has to be active (not in Power
Down mode) and the sensor hub trigger signal is the accelerometer data-ready
signal, with a frequency corresponding to the accelerometer ODR up to 100 Hz.
–
When this bit is set to 1, at least one sensor between the accelerometer and the
gyroscope has to be active and the sensor hub trigger signal is the INT2 pin; in
fact, when both the MASTER_ON bit and START_CONFIG bit are set to 1, the
INT2 pin is configured as an input signal. In this case, the INT2 pin has to be
Table 33. CTRL10_C register
b7
b6
b5
b4
b3
b2
b1
b0
0
0
X
X
X
FUNC_EN
X
X
Table 34. MASTER_CONFIG register
b7
b6
b5
b4
b3
b2
b1
b0
DRDY_ON
_INT1
X0
START
_CONFIG
PULL_UP
_EN
PASS_TH
ROUGH_
MODE
X
MASTER
_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com