| Electronic Components Datasheet Search |
|
AN4650 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4650 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 102 page ![]() Reading output data AN4650 34/102 DocID027415 Rev 1 3.7.2 Level-sensitive trigger stamping The level-sensitive trigger is enabled when the LVLen bit of the CTRL6_C register is set to 1 and the TRIG_EN and LVL2_EN bits are set to 0. Once enabled, the LSB of the generated gyroscope X, Y, Z output data is replaced with the current DEN (INT2 pin) level. Figure 8. Data synchronization: level-sensitive 3.7.3 Impulse-sensitive trigger stamping The impulse-sensitive trigger is enabled when the LVLen and LVL2_EN bits of the CTRL6_C register are set to 1 and the TRIG_EN bit is set to 0. Furthermore, both accelerometer and gyroscope sensors have to be in active mode and configured with the same ODR value. The impulse-sensitive trigger is similar to the level-sensitive trigger and has to be used if the duration of the DEN pulse is shorter than the selected gyroscope ODR. Once enabled, the LSB bit of the gyroscope X, Y, Z output data generated after the pulse is set to 1; if no pulse occurs, the LSB bit of the next generated gyroscope X, Y, Z output data is set to 0. 3.8 Gyroscope axes orientation Axes orientation and sign of the gyroscope sensor can be changed by software using the ORIENT_CFG_G register, as illustrated in Figure 9. Figure 9. Gyroscope axes orientation and sign configuration The Orient_[2:0] bits of the ORIENT_CFG_G register allows driving the pitch, roll and yaw physical axes to the X, Y and Z output registers as indicated in Table 23. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |