Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 34Page - STMicroelectronics AN4650 Datasheet HTML 35Page - STMicroelectronics AN4650 Datasheet HTML 36Page - STMicroelectronics AN4650 Datasheet HTML 37Page - STMicroelectronics AN4650 Datasheet HTML 38Page - STMicroelectronics AN4650 Datasheet HTML 39Page - STMicroelectronics AN4650 Datasheet HTML 40Page - STMicroelectronics AN4650 Datasheet HTML 41Page - STMicroelectronics AN4650 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
Interrupt generation
AN4650
38/102
DocID027415 Rev 1
INT2_INACT_STATE: Inactivity interrupt on INT2.
INT2_SINGLE_TAP: Single-tap interrupt on INT2.
INT2_WU: Wake-up interrupt on INT2.
INT2_FF: Free-fall interrupt on INT2.
INT2_DOUBLE_TAP: Double-tap interrupt on INT2.
INT2_6D: 6D detection interrupt on INT2.
INT2_TILT: Tilt interrupt on INT2.
INT2_IRON: Soft-iron / hard-iron interrupt on INT2.
If multiple interrupt signals are routed on the same pin (INTx), the logic level of this pin is the
“OR” combination of the selected interrupt signals. In order to know which event has
generated the interrupt condition, the related source registers have to be read:
WAKE_UP_SRC, D6D_SRC, TAP_SRC and FUNC_SRC.
The INT2_on_INT1 pin of CTRL4_C register allows driving all the enabled interrupt signals
in logic “OR” on the INT1 pin (by setting this bit to 1). When this bit is set to 0, the interrupt
signals are divided between the INT1 and INT2 pins.
4.2
Free-fall interrupt
Free-fall detection refers to a specific register configuration that allows recognizing when the
device is in free-fall: the acceleration measured along all the axes goes to zero. In a real
case a “free-fall zone” is defined around the zero-g level where all the accelerations are
small enough to generate the interrupt. Configurable threshold and duration parameters are
associated to free-fall event detection: the threshold parameter defines the free-fall zone
amplitude; the duration parameter defines the minimum duration of the free-fall interrupt
event to be recognized (Figure 11).
Figure 11. Free-fall interrupt
Table 27. MD2_CFG register
b7
b6
b5
b4
b3
b2
b1
b0
INT2_
INACT_
STATE
INT2_
SINGLE_
TAP
INT2_
WU
INT2_
FF
INT2_
DOUBLE_
TAP
INT2_
6D
INT2_
TILT
INT2_
IRON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com