Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 62 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 58Page - STMicroelectronics AN4650 Datasheet HTML 59Page - STMicroelectronics AN4650 Datasheet HTML 60Page - STMicroelectronics AN4650 Datasheet HTML 61Page - STMicroelectronics AN4650 Datasheet HTML 62Page - STMicroelectronics AN4650 Datasheet HTML 63Page - STMicroelectronics AN4650 Datasheet HTML 64Page - STMicroelectronics AN4650 Datasheet HTML 65Page - STMicroelectronics AN4650 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
Mode 2 - sensor hub mode
AN4650
62/102
DocID027415 Rev 1
6.2.7
SLV3_ADD (0Bh), SLV3_SUBADD (0Ch), SLAVE3_CONFIG (0Dh)
The embedded function registers (accessible when the FUNC_CFG_EN bit of
FUNC_CFG_ACCESS register is set to 1) used to configure the I2C slave interface
associated to the fourth external sensor are described hereafter.
Slave3_add[6:0] bits are used to indicate the I2C slave address of the fourth external
sensor.
r_3 bit enables/disables the read operation to be performed on the fourth external
sensor (0: read operation disabled; 1: read operation enabled). The read operation is
executed when the next sensor hub trigger event occurs.
Slave3_reg[7:0] bits are used to indicate the address of the register of the fourth
external sensor to be read when the r_3 bit of the SLV3_ADD register is set to 1.
Slave3_rate[1:0] bits are used to define the decimation factor applied to read
operations on the fourth external sensor starting from the sensor hub trigger:
–
00: no decimation
–
01: update every 2 sensor hub trigger events
–
10: update every 4 sensor hub trigger events
–
11: update every 8 sensor hub trigger events
Slave3_numop[2:0] bits are dedicated to define the number of consecutive read
operations to be performed on the fourth external sensor starting from the register
address indicated in the SLV3_SUBADD register.
Table 45. SLV3_ADD register
b7
b6
b5
b4
b3
b2
b1
b0
Slave3
_add6
Slave3
_add5
Slave3
_add4
Slave3
_add3
Slave3
_add2
Slave3
_add1
Slave3
_add0
r_3
Table 46. SLV3_SUBADD register
b7
b6
b5
b4
b3
b2
b1
b0
Slave3
_reg7
Slave3
_reg6
Slave3
_reg5
Slave3
_reg4
Slave3
_reg3
Slave3
_reg2
Slave3
_reg1
Slave3
_reg0
Table 47. SLAVE3_CONFIG register
b7
b6
b5
b4
b3
b2
b1
b0
Slave3
_rate1
Slave3
_rate0
000
Slave3
_numop2
Slave3
_numop1
Slave3
_numop0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com