Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 23Page - STMicroelectronics AN4650 Datasheet HTML 24Page - STMicroelectronics AN4650 Datasheet HTML 25Page - STMicroelectronics AN4650 Datasheet HTML 26Page - STMicroelectronics AN4650 Datasheet HTML 27Page - STMicroelectronics AN4650 Datasheet HTML 28Page - STMicroelectronics AN4650 Datasheet HTML 29Page - STMicroelectronics AN4650 Datasheet HTML 30Page - STMicroelectronics AN4650 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
DocID027415 Rev 1
27/102
AN4650
Operating modes
102
2.7.1
Gyroscope turn-on/off time
The delay in order to switch gyroscope modes is shown in Table 16.
Table 17 clarifies how many gyroscope samples have to be discarded when switching from
gyroscope Sleep mode to Low-Power / Normal / High-Performance mode or when the
accelerometer / gyroscope ODR is changed, depending on the output data rate selection.
Setting the DRDY_MASK bit of the CTRL4_C register to 1, the accelerometer and
gyroscope data-ready signals are masked until the settling of the sensor filters is completed:
this feature allows automatically ignoring the samples to be discarded.
Table 16. Gyroscope turn-on/off time
Starting mode
Target mode
Max turn-on/off time
Power Down
Low Power / Normal /
High Performance
80 ms
Power Down
Gyro Sleep
80 ms
Gyro Sleep
Low Power / Normal /
High Performance
see Table 17
Low Power / Normal /
High Performance
Power Down
1 μs
Table 17. Gyroscope number of samples to be discarded
Gyroscope ODR [Hz]
Number of samples
13 Hz
2
26 Hz
2
52 Hz
2
104 Hz
2
208 Hz
2
416 Hz
2
833 Hz
3
1.66 kHz
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com