Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 79 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 75Page - STMicroelectronics AN4650 Datasheet HTML 76Page - STMicroelectronics AN4650 Datasheet HTML 77Page - STMicroelectronics AN4650 Datasheet HTML 78Page - STMicroelectronics AN4650 Datasheet HTML 79Page - STMicroelectronics AN4650 Datasheet HTML 80Page - STMicroelectronics AN4650 Datasheet HTML 81Page - STMicroelectronics AN4650 Datasheet HTML 82Page - STMicroelectronics AN4650 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
DocID027415 Rev 1
79/102
AN4650
First-in first-out (FIFO) buffer
102
the two interrupt pins by setting to 1 the INT1_FIFO_OVR bit of the INT1_CTRL
register or the INT2_FIFO_OVR bit of the INT2_CTRL register.
FIFO_FULL is is set high when the next set of data that will be stored in FIFO will make
the FIFO full. The next stored sample will replace the oldest FIFO sample. This signal
can be driven to the two interrupt pins by setting to 1 the INT1_FULL_FLAG bit of the
INT1_CTRL register or the INT2_FULL_FLAG bit of the INT2_CTRL register.
FIFO_EMPTY is set high when the FIFO is empty.
DIFF_FIFO_[11:8] contains the upper part of the number of unread words (16-bit data)
stored in the FIFO. The lower part is represented by the DIFF_FIFO_[7:0] bits in
FIFO_STATUS1. The value of DIFF_FIFO_[11:0] field corresponds to the number of
samples in the FIFO (each sample is represented as 16-bit data). When a FIFO full
event occurs (FIFO_FULL bit is set high), the value of the DIFF_FIFO_[11:0] field is set
to 0.
Register content is updated synchronously to the FIFO write and read operation, as
illustrated in Table 66.
8.1.8
FIFO_STATUS3 (3Ch)
The FIFO_STATUS3 register, together with FIFO_STATUS4 register, specifies which axis of
which sensor data will be read at the next reading. For more information on how to retrieve
data from the FIFO see Section 8.5.
Table 66. FIFO_STATUS2 behavior
FIFO_OVER_
RUN
FIFO_FULL
FIFO_EMPTY
DIFF_FIFO_
[11:0]
Number of FIFO
samples
FIFO
trigger
timing
0010
0
t0
0001
1
t1
0002
2
t2
...
...
...
...
...
...
0
0
0
4095
4095
t_full - 1
0100
4096
t_full
1100
4096
(old sample
overwritten)
t_full + 1
Table 67. FIFO_STATUS3 register
b7
b6
b5
b4
b3
b2
b1
b0
FIFO_
PATTERN
_7
FIFO_
PATTERN
_6
FIFO_
PATTERN
_5
FIFO_
PATTERN
_4
FIFO_
PATTERN
_3
FIFO_
PATTERN
_2
FIFO_
PATTERN
_1
FIFO_
PATTERN
_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com