| Electronic Components Datasheet Search |
|
AN4650 Datasheet(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4650 Datasheet(HTML) 98 Page - STMicroelectronics |
|
98 / 102 page ![]() Self-test AN4650 98/102 DocID027415 Rev 1 10 Self-test The embedded self-test functions allows checking the device functionality without moving it. 10.1 Accelerometer self-test When the accelerometer self-test is enabled, an actuation force is applied to the sensor, simulating a definite input acceleration. In this case the sensor outputs exhibit a change in their DC levels which are related to the selected full scale through the sensitivity value. The accelerometer self-test function is off when the ST_XL[1:0] bits of the CTRL5_C register are programmed to 00b; it is enabled when the ST_XL bits are set to 01b (positive sign self-test) or 10b (negative sign self-test). When the accelerometer self-test is activated, the sensor output level is given by the algebric sum of the signals produced by the acceleration acting on the sensor and by the electrostatic test-force. The complete accelerometer self-test procedure is indicated in Figure 31. 10.2 Gyroscope self-test The gyroscope self-test allows testing of the mechanical and electrical part of the gyroscope sensor: when it is activated, an actuation force is applied to the sensor, emulating a definite Coriolis force, and the seismic mass is moved by means of this electrostatic test-force. In this case the sensor output exhibits an output change. The gyroscope self-test function is off when the ST_G[1:0] bits of the CTRL5_C register are programmed to 00b; it is enabled when the ST_G bits are set to 01b (positive sign self-test) or 11b (negative sign self-test). When the gyroscope self-test is active, the sensor output level is given by the algebraic sum of the signals produced by the velocity acting on the sensor and by the electrostatic test- force. The complete gyroscope self-test procedure is indicated in Figure 32. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |