Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 71 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 67Page - STMicroelectronics AN4650 Datasheet HTML 68Page - STMicroelectronics AN4650 Datasheet HTML 69Page - STMicroelectronics AN4650 Datasheet HTML 70Page - STMicroelectronics AN4650 Datasheet HTML 71Page - STMicroelectronics AN4650 Datasheet HTML 72Page - STMicroelectronics AN4650 Datasheet HTML 73Page - STMicroelectronics AN4650 Datasheet HTML 74Page - STMicroelectronics AN4650 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
DocID027415 Rev 1
71/102
AN4650
Mode 3 - Auxiliary SPI mode
102
7
Mode 3 - Auxiliary SPI mode
The Auxiliary SPI mode (Mode 3) allows accessing the LSM6DS3 from multiple external
devices: when this mode is enabled, both an I2C slave interface and an auxiliary SPI (3-
wire) interface are available for connecting external devices.
It can be used, for example, in Electrical Image Stabilization (EIS) applications to access the
device from both the application processor and the EIS controller at the same time. The EIS
controller continuously gets the sensor data at a high rate for its image stabilization
algorithms.
7.1
Auxiliary SPI mode description
In order to enable the Auxiliary SPI mode (Mode 3), the MODE3_EN bit of the CTRL4_C
register must be set to 1. The function of the LSM6DS3 pins after Mode 3 enable is
indicated in Table 52.
The external master devices have to be connected to the LSM6DS3 as illustrated in
Figure 23.
Figure 23. External controller connection in Mode 3
Table 52. Mode 3 pin description
Pin
Mode 3 function
I2C slave
inteface
SDO/SA0
I2C least significant bit of the device address (SA0)
SCL
I2C serial clock (SCL)
SDA
I2C serial data(SDA)
Auxiliary
SPI 3-wire slave
interface
SDx
Auxiliary SPI 3-wire interface serial data input (SDI) and
serial data output (SDO)
SCx
Auxiliary SPI 3-wire interface serial port clock (SPC)
OCS
Auxiliary SPI 3-wire enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com