Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 83 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 79Page - STMicroelectronics AN4650 Datasheet HTML 80Page - STMicroelectronics AN4650 Datasheet HTML 81Page - STMicroelectronics AN4650 Datasheet HTML 82Page - STMicroelectronics AN4650 Datasheet HTML 83Page - STMicroelectronics AN4650 Datasheet HTML 84Page - STMicroelectronics AN4650 Datasheet HTML 85Page - STMicroelectronics AN4650 Datasheet HTML 86Page - STMicroelectronics AN4650 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
DocID027415 Rev 1
83/102
AN4650
First-in first-out (FIFO) buffer
102
the FTH bit of the FIFO_STATUS2 register is set high when the number of samples in FIFO
will reach or exceed the FTH_[11:0] value on the next FIFO write operation.
It is recommended to read faster than 1*ODR the number of samples stored in the FIFO
equal to at least three times the number of the enabled data set, in order to free FIFO slots
for the new data: this allows avoiding loss of data.
If the read procedure is not fast enough, three different cases can be observed:
1.
FIFO sample set is read faster than 1*ODR: data are correctly retrieved because a free
slot is made available before new data is generated.
2.
FIFO sample set is read synchronous to 1*ODR: data are correctly retrieved because a
free slot is made available before new data is generated but FIFO benefits are not
exploited. This case is equivalent to reading data on the data-ready interrupt and does
not reduce the intervention of the host processor compared to the standard
accelerometer reading.
3.
FIFO sample set is read slower than 1*ODR: in this case some data are lost because
data reading is not fast enough to free slots for new data. The number of correctly
recovered samples is related to the difference between the current ODR and the FIFO
sample set reading rate.
Figure 25 shows an example of the Continuous mode usage. In the example, X-Y-Z data
(green cells indicate the sample number) from just one sensor are stored in the FIFO. In
these conditions, the number of samples stored is 4095. In this example the FIFO samples
are read faster than 1 * ODR and no data is lost.
Figure 25. Continuous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com