Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 70 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 66Page - STMicroelectronics AN4650 Datasheet HTML 67Page - STMicroelectronics AN4650 Datasheet HTML 68Page - STMicroelectronics AN4650 Datasheet HTML 69Page - STMicroelectronics AN4650 Datasheet HTML 70Page - STMicroelectronics AN4650 Datasheet HTML 71Page - STMicroelectronics AN4650 Datasheet HTML 72Page - STMicroelectronics AN4650 Datasheet HTML 73Page - STMicroelectronics AN4650 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
Mode 2 - sensor hub mode
AN4650
70/102
DocID027415 Rev 1
The acquired magnetometer raw data are available in registers from address 66h
(OUT_MAG_RAW_X_L) to 6Bh (OUT_MAG_RAW_Z_L).
The magnetometer uncalibrated data (with soft-iron only applied) are available in registers
from address 4Dh (SENSORHUB13_REG) to 52h (SENSORHUB18_REG).
The magnetometer calibrated data, with both hard-iron and soft-iron correction are available
in registers from address 2Eh (SENSORHUB1_REG) to 33h (SENSORHUB6_REG).
18 Write 03h into MAG_OFFY_H
// Y offset value initialization
19 Write 61h into MAG_OFFY_L
// Y offset value initialization
20 Write FCh into MAG_OFFZ_H
// Z offset value initialization
21 Write EFh into MAG_OFFZ_L
// Z offset value initialization
22 Write 0Ah into MAG_SI_XX
// XX soft-iron element
23 Write 01h into MAG_SI_XY
// XY soft-iron element
24 Write 00h into MAG_SI_XZ
// XZ soft-iron element
25 Write 01h into MAG_SI_YX
// YX soft-iron element
26 Write 08h into MAG_SI_YY
// YY soft-iron element
27 Write 81h into MAG_SI_YZ
// YZ soft-iron element
28 Write 00h into MAG_SI_ZX
// ZX soft-iron element
29 Write 81h into MAG_SI_ZY
// ZY soft-iron element
30 Write 0Ah into MAG_SI_ZZ
// ZZ soft-iron element
31 Write 00h into FUNC_CFG_ADDRESS
// Disable access to embedded functions registers
32 Write 3Ch into CTRL10_C
// Enable embedded functions
33 Write 0Bh into MASTER_CONFIG
// Enable internal pull-up on SDx/SCx lines
// Sensor hub trigger signal is XL data-ready
// Enable hard-iron correction
// Enable auxiliary I2C master
34 Write 3Ch into CTRL9_XL
// Enable soft-iron correction
35 Write 80h into CTRL1_XL
// Turn-on the accelerometer (for trigger signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com