Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 15Page - STMicroelectronics AN4650 Datasheet HTML 16Page - STMicroelectronics AN4650 Datasheet HTML 17Page - STMicroelectronics AN4650 Datasheet HTML 18Page - STMicroelectronics AN4650 Datasheet HTML 19Page - STMicroelectronics AN4650 Datasheet HTML 20Page - STMicroelectronics AN4650 Datasheet HTML 21Page - STMicroelectronics AN4650 Datasheet HTML 22Page - STMicroelectronics AN4650 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
DocID027415 Rev 1
19/102
AN4650
Operating modes
102
2.1
Power-Down mode
When the accelerometer/gyroscope is in Power-Down mode, almost all internal blocks of
the device are switched off to minimize power consumption. Digital interfaces (I2C and SPI)
are still active to allow communication with the device. The content of the configuration
registers is preserved and the output data registers are not updated, keeping the last data
sampled in memory before going into Power-Down mode.
2.2
High-Performance mode
In High-Performance mode, all accelerometer/gyroscope circuitry is always on and data are
generated at the data rate selected through the ODR_XL/ODR_G bits.
Data interrupt generation is active.
2.3
Normal mode
While High-Performance mode guarantees the best performance in terms of noise, Normal
mode further reduces the current consumption. The accelerometer/gyroscope data reading
chain is automatically turned on and off to save power. In the gyroscope device, only the
driving circuitry is always on.
Data interrupt generation is active.
2.4
Low-Power mode
Low-Power mode differs from Normal mode in the available output data rates. In Low-Power
mode low-speed ODRs are enabled; three low-speed ODRs can be chosen through the
ODR_XL/ODR_G bits: 13 Hz, 26 Hz and 52 Hz.
Data interrupt generation is active.
2.5
Gyroscope Sleep mode
While the gyroscope is in Sleep mode the circuitry that drives the oscillation of the
gyroscope mass is kept active. Compared to gyroscope Power-Down, turn-on time from
Sleep mode to Low-Power/Normal/High-Performance mode is drastically reduced.
If the gyroscope is not configured in Power-Down mode, it enters in Sleep mode when the
Sleep mode enable (SLEEP_G) bit of CTRL4_C register is set to 1, regardless of the
selected gyroscope ODR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com