Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 96 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 92Page - STMicroelectronics AN4650 Datasheet HTML 93Page - STMicroelectronics AN4650 Datasheet HTML 94Page - STMicroelectronics AN4650 Datasheet HTML 95Page - STMicroelectronics AN4650 Datasheet HTML 96Page - STMicroelectronics AN4650 Datasheet HTML 97Page - STMicroelectronics AN4650 Datasheet HTML 98Page - STMicroelectronics AN4650 Datasheet HTML 99Page - STMicroelectronics AN4650 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
Temperature sensor
AN4650
96/102
DocID027415 Rev 1
9
Temperature sensor
The LSM6DS3 is provided with an internal temperature sensor that is suitable for ambient
temperature measurement.
If both the accelerometer and the gyroscope sensors are in Power-Down mode, the
temperature sensor is off.
The maximum output data rate of temperature sensor is 52 Hz and its value depends on
how the accelerometer and gyroscope sensors are configured:
If the gyroscope is in Power-Down mode:
–
the temperature data rate is equal to 13 Hz if the accelerometer ODR is equal to
13 Hz (in both Low-Power and High-Performance mode);
–
the temperature data rate is equal to 26 Hz if the accelerometer configuration is
26 Hz Low-Power mode;
–
the temperature data rate is equal to 52H z for all other accelerometer
configurations.
If the accelerometer is in Power-Down mode:
–
the temperature data rate is equal to 13 Hz if the gyroscope configuration is
13 Hz Low-Power mode;
–
the temperature data rate is equal to 2 Hz if the gyroscope configuration is 26 Hz
Low-Power mode;
–
the temperature data rate is equal to 52 Hz for all other gyroscope configurations.
In combo mode:
–
if the gyroscope is configured in High-Performance mode, the temperature data
rate is equal to 52 Hz regardless of the gyroscope ODR and the accelerometer
configuration;
–
if the gyroscope is configured in Low-Power / Normal mode, the temperature data
rate is equal to the maximum value between the accelerometer ODR and
gyroscope ODR, while remaining below the 52 Hz value.
For the temperature sensor, the data-ready signal is represented by the TDA bit of the
STATUS_REG register. The signal can be driven to the INT2 pin by setting to 1 the
INT2_DRDY_TEMP bit of the INT2_CTRL register.
The temperature data is given by the concatenation of the OUT_TEMP_H and
OUT_TEMP_L registers and it is represented as a number of 16 bits in two’s complement
format, with a sensitivity of +16 LSB/°C. The output zero level corresponds to 25 °C.
The LSM6DS3 allows swapping, by setting the BLE bit of the CTRL3_C register set to 1, the
content of the lower and the upper part of the temperature output data registers (i.e.
OUT_TEMP_H with OUT_TEMP_L) .
Temperature sensor data can also be stored in FIFO with a configurable decimation factor
(see Section 8.9 for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com