Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 75 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 71Page - STMicroelectronics AN4650 Datasheet HTML 72Page - STMicroelectronics AN4650 Datasheet HTML 73Page - STMicroelectronics AN4650 Datasheet HTML 74Page - STMicroelectronics AN4650 Datasheet HTML 75Page - STMicroelectronics AN4650 Datasheet HTML 76Page - STMicroelectronics AN4650 Datasheet HTML 77Page - STMicroelectronics AN4650 Datasheet HTML 78Page - STMicroelectronics AN4650 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
DocID027415 Rev 1
75/102
AN4650
First-in first-out (FIFO) buffer
102
8.1.2
FIFO_CTRL2 (07h)
TIMER_PEDO_FIFO_EN enables step counter and time stamp data to be stored as
the 4th FIFO data set. The content of the 6 bytes stored in the FIFO when this bit is set
to 1 is described in Section 8.8.
TIMER_PEDO_FIFO_DRDY. When this bit is set to 1 and the DATA_VALID_SEL_FIFO
bit in the MASTER_CONFIG register is set to 0, all the data are stored in the FIFO
every time a new step has been detected by the step counter. See Section 8.3 for
details.
FTH_[11:8] contains the upper part of the FIFO threshold level. For the complete
threshold level configuration, consider also the FTH_[7:0] bits in the FIFO_CTRL1
register.
8.1.3
FIFO_CTRL3 (08h)
The FIFO_CTRL3 register contains the accelerometer and gyroscope FIFO decimation
factors, used to choose if the data of these sensors have to be stored in the FIFO and at
which rate they are stored.
When the DEC_FIFO_GYRO[2:0] bits are set to 000b, the 1st FIFO data set (reserved for
gyroscope data) is not stored in the FIFO. When the DEC_FIFO_XL[2:0] bits are set to
000b, the 2nd FIFO data set (reserved for accelerometer data) is not stored in the FIFO.
Note:
It’s required to set at least one of the four decimation factors to 1 (no decimation).
Table 54. FIFO_CTRL2 register
b7
b6
b5
b4
b3
b2
b1
b0
TIMER_PE
DO_FIFO_
EN
TIMER_PE
DO_FIFO_
DRDY
0
0
FTH_11
FTH_10
FTH_9
FTH_8
Table 55. FIFO_CTRL3 register
b7
b6
b5
b4
b3
b2
b1
b0
00
DEC_FIFO
_GYRO2
DEC_FIFO
_GYRO1
DEC_FIFO
_GYRO0
DEC_FIFO
_XL2
DEC_FIFO
_XL1
DEC_FIFO
_XL0
Table 56. Gyroscope FIFO decimation setting
DEC_FIFO_GYRO [2:0]
Configuration
000
Gyroscope sensor not in FIFO
001
No decimation
010
Decimation with factor 2
011
Decimation with factor 3
100
Decimation with factor 4
101
Decimation with factor 8
110
Decimation with factor 16
111
Decimation with factor 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com