Electronic Components Datasheet Search
  English  ▼

X  

AN4650 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4650
Description  This document is intended to provide usage information
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4650 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4650 Datasheet HTML 14Page - STMicroelectronics AN4650 Datasheet HTML 15Page - STMicroelectronics AN4650 Datasheet HTML 16Page - STMicroelectronics AN4650 Datasheet HTML 17Page - STMicroelectronics AN4650 Datasheet HTML 18Page - STMicroelectronics AN4650 Datasheet HTML 19Page - STMicroelectronics AN4650 Datasheet HTML 20Page - STMicroelectronics AN4650 Datasheet HTML 21Page - STMicroelectronics AN4650 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Operating modes
AN4650
18/102
DocID027415 Rev 1
Table 5 shows the typical values of LSM6DS3 power consumption for the different operating
modes.
Table 4. Gyroscope ODR and power mode selection
ODR_G [3:0]
ODR [Hz] when
G_HM_MODE = 1
ODR [Hz] when
G_HM_MODE = 0
0000
Power Down
Power Down
0001
13 Hz (Low Power)
13 Hz (High Performance)
0010
26 Hz (Low Power)
26 Hz (High Performance)
0011
52 Hz (Low Power)
52 Hz (High Performance)
0100
104 Hz (Normal mode)
104 Hz (High Performance)
0101
208 Hz (Normal mode)
208 Hz (High Performance)
0110
416 Hz (High Performance)
416 Hz (High Performance)
0111
833 Hz (High Performance)
833 Hz (High Performance)
1000
1.66 kHz (High Performance)
1.66 kHz (High Performance)
Table 5. Power consumption
ODR [Hz]
Accelerometer only
(at Vdd = 1.8 V)
Gyroscope only
(at Vdd = 1.8 V)
Combo [Acc + Gyro]
(at Vdd = 1.8 V)
Power Down
-
-6
A
13 Hz (Low Power)
24
A
470
A
425
A
26 Hz (Low Power)
31
A
500
A
450
A
52 Hz (Low Power)
45
A
540
A
500
A
104 Hz (Normal mode)
70
A
625
A
600
A
208 Hz (Normal mode)
120
A
880
A
900
A
13 Hz (High Perf.)
240
A
1.15 mA
1.25 mA
26 Hz (High Perf.)
240
A
1.15 mA
1.25 mA
52 Hz (High Perf.)
240
A
1.15 mA
1.25 mA
104 Hz (High Perf.)
240
A
1.15 mA
1.25 mA
208 Hz (High Perf.)
240
A
1.15 mA
1.25 mA
416 Hz (High Perf.)
240
A
1.15 mA
1.25 mA
833 Hz (High Perf.)
240
A
1.15 mA
1.25 mA
1.66 kHz (High Perf.)
240
A
1.15 mA
1.25 mA
3.33 kHz (High Perf.)
325
A
N.A.
N.A.
6.66 kHz (High Perf.)
325
A
N.A.
N.A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com