Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 346 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 346 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 342Page - Texas Instruments AM3874 Datasheet HTML 343Page - Texas Instruments AM3874 Datasheet HTML 344Page - Texas Instruments AM3874 Datasheet HTML 345Page - Texas Instruments AM3874 Datasheet HTML 346Page - Texas Instruments AM3874 Datasheet HTML 347Page - Texas Instruments AM3874 Datasheet HTML 348Page - Texas Instruments AM3874 Datasheet HTML 349Page - Texas Instruments AM3874 Datasheet HTML 350Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 361 page
background image
3
2
Start
Bit
Data Bits
UARTx_TXD
5
Data Bits
Bit
Start
4
UARTx_RXD
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
8.21.2 UART Electrical/Data Timing
Table 8-109. Timing Requirements for UART
(see Figure 8-95)
OPP100/120/166
NO.
UNIT
MIN
MAX
4
tw(RX)
Pulse width, receive data bit, 15/30/100pF high or low
0.96U(1)
1.05U(1)
ns
5
tw(CTS)
Pulse width, receive start bit, 15/30/100pF high or low
0.96U(1)
1.05U(1)
ns
td(RTS-TX)
Delay time, transmit start bit to transmit data
P(2)
ns
td(CTS-TX)
Delay time, receive start bit to transmit data
P(2)
ns
(1)
U = UART baud time = 1/programmed baud rate
(2)
P = Clock period of the reference clock (FCLK, usually 48 MHz).
Table 8-110. Switching Characteristics Over Recommended Operating Conditions for UART
(see Figure 8-95)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
15 pF
5
(UART0/1/2)
15 pF
12
f(baud)
Maximum programmable baud rate
MHz
(UART3/4/5)
30 pF
0.23
100 pF
0.115
2
tw(TX)
Pulse width, transmit data bit, 15/30/100 pF high or low
U - 2(1)
U + 2(1)
ns
3
tw(RTS)
Pulse width, transmit start bit, 15/30/100 pF high or low
U - 2(1)
U + 2(1)
ns
(1)
U = UART baud time = 1/programmed baud rate
Figure 8-95. UART Timing
346
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com