Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 345 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 345 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 341Page - Texas Instruments AM3874 Datasheet HTML 342Page - Texas Instruments AM3874 Datasheet HTML 343Page - Texas Instruments AM3874 Datasheet HTML 344Page - Texas Instruments AM3874 Datasheet HTML 345Page - Texas Instruments AM3874 Datasheet HTML 346Page - Texas Instruments AM3874 Datasheet HTML 347Page - Texas Instruments AM3874 Datasheet HTML 348Page - Texas Instruments AM3874 Datasheet HTML 349Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.21 Universal Asynchronous Receiver/Transmitter (UART)
The UART performs serial-to-parallel conversions on data received from a peripheral device and parallel-
to-serial conversion on data received from the CPU. The device provides up to six UART peripheral
interfaces, depending on the selected pin multiplexing.
Each UART has the following features:
•
Selectable UART/IrDA (SIR/MIR)/CIR modes
•
Dual 64-entry FIFOs for received and transmitted data payload
•
Programmable and selectable transmit and receive FIFO trigger levels for DMA and interrupt
generation
•
Baud-rate generation based upon programmable divisors N (N=1…16384)
•
Two DMA requests and one interrupt request to the system
•
Can connect to any RS-232 compliant device.
UART functions include:
•
Baud-rate up to 3.6 Mbit/s on UART0, UART1, and UART2
•
Baud-rate up to 12 Mbit/s on UART3, UART4, and UART5
•
Programmable serial interfaces characteristics
–
5, 6, 7, or 8-bit characters
–
Even, odd, or no parity-bit generation and detection
–
1, 1.5, or 2 stop-bit generation
–
Flow control: hardware (RTS/CTS) or software (XON/XOFF)
•
Additional modem control functions (UART0_DTR, UART0_DSR, UART0_DCD, and UART0_RIN) for
UART0 only; UART1, UART2, UART3, UART4, and UART5 do not support full-flow control signaling.
IR-IrDA functions include:
•
Support of IrDA 1.4 slow infrared (SIR, baud-rate up to 115.2 Kbits/s), medium infrared (MIR, baud-
rate up to 1.152 Mbits/s) and fast infrared (FIR baud-rate up to 4.0 Mbits/s) communications
•
Supports framing error, cyclic redundancy check (CRC) error, illegal symbol (FIR), and abort pattern
(SIR, MIR) detection
•
8-entry status FIFO (with selectable trigger levels) available to monitor frame length and frame errors.
IR-CIR functions include:
•
Consumer infrared (CIR) remote control mode with programmable data encoding
•
Free data format (supports any remote control private standards)
•
Selectable bit rate and configurable carrier frequency.
For more detailed information on the UART peripheral, see the UART/IrDA/CIR Module chapter of the
AM387x Sitara™ ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
8.21.1 UART Peripheral Register Descriptions
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
345
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com