Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 347 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 347 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 343Page - Texas Instruments AM3874 Datasheet HTML 344Page - Texas Instruments AM3874 Datasheet HTML 345Page - Texas Instruments AM3874 Datasheet HTML 346Page - Texas Instruments AM3874 Datasheet HTML 347Page - Texas Instruments AM3874 Datasheet HTML 348Page - Texas Instruments AM3874 Datasheet HTML 349Page - Texas Instruments AM3874 Datasheet HTML 350Page - Texas Instruments AM3874 Datasheet HTML 351Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.22 Universal Serial Bus (USB2.0)
The device includes two USB2.0 modules which support the Universal Serial Bus Specification Revision
2.0. The following are some of the major USB features that are supported:
•
USB 2.0 peripheral at high speed (HS: 480 Mbps) and full speed (FS: 12 Mbps)
•
USB 2.0 host at HS, FS, and low speed (LS: 1.5 Mbps)
•
Each endpoint (other than endpoint 0, control only) can support all transfer modes (control, bulk,
interrupt, and isochronous)
•
Supports high-bandwidth ISO mode
•
Supports 16 Transmit (TX) and 16 Receive (RX) endpoints including endpoint 0
•
FIFO RAM
–
32K endpoint
–
Programmable size
•
Includes two integrated PHYs
•
RNDIS-like mode for terminating RNDIS-type protocols without using short-packet termination for
support of MSC applications.
•
USB OTG extensions — session request protocol (SRP) and host negotiation protocol (HNP)
The USB2.0 peripherals do not support the following features:
•
On-chip charge pump (VBUS Power must be generated external to the device.)
•
RNDIS mode acceleration for USB sizes that are not multiples of 64 bytes
•
Endpoint max USB packet sizes that do not conform to the USB 2.0 spec (for FS/LS: 8, 16, 32, 64, –
and 1023 are defined; for HS: 64, 128, 512, and 1024 are defined
For more detailed information on the USB2.0 peripheral, see the Universal Serial Bus (USB) chapter of
the AM387x Sitara™ ARM Pocessors Technical Reference Manual (Literature Number: SPRUGZ7).
8.22.1 USB2.0 Peripheral Register Descriptions
Table 8-111. USB2.0 Submodules
SUBMODULE
SUBMODULE NAME
ADDRESS OFFSET
0x0000
USBSS registers
0x1000
USB0 controller registers
0x1800
USB1 controller registers
0x2000
CPPI DMA controller registers
0x3000
CPPI DMA scheduler registers
0x4000
CPPI DMA Queue Manager registers
Table 8-112. USB Subsystem (USBSS) Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4740 0000
REVREG
USBSS REVISION
0x4740 0004 - 0x4740 000C
-
Reserved
0x4740 0010
SYSCONFIG
USBSS SYSCONFIG
0x4740 0014 - 0x4740 001C
-
Reserved
0x4740 0020
EOI
USBSS IRQ_EOI
0x4740 0024
IRQSTATRAW
USBSS IRQ_STATUS_RAW
0x4740 0028
IRQSTAT
USBSS IRQ_STATUS
0x4740 002C
IRQENABLER
USBSS IRQ_ENABLE_SET
(1)
USBSS registers contain the registers that are used to control at the global level and apply to all sub-modules.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
347
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com