Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 129Page - Texas Instruments AM3874 Datasheet HTML 130Page - Texas Instruments AM3874 Datasheet HTML 131Page - Texas Instruments AM3874 Datasheet HTML 132Page - Texas Instruments AM3874 Datasheet HTML 133Page - Texas Instruments AM3874 Datasheet HTML 134Page - Texas Instruments AM3874 Datasheet HTML 135Page - Texas Instruments AM3874 Datasheet HTML 136Page - Texas Instruments AM3874 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-45. Video Output 0 (Digital) Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
IPD
–
VOUT[0]_R_CR[9]/
AC13
O
DVDD
PINCNTL203
IPD
–
VOUT[0]_R_CR[8]/
AE8
O
DVDD
PINCNTL202
IPD
–
VOUT[0]_R_CR[7]/
AF12
O
DVDD
PINCNTL201
IPD
–
VOUT[0]_R_CR[6]/
AF6
O
DVDD
PINCNTL200
Video Output Data. These signals represent the 8 MSBs
of R/CR video data. For RGB mode they are red data
IPD
–
VOUT[0]_R_CR[5]/
AF8
O
bits, for YUV444 mode they are Cr (Chroma) data bits,
DVDD
PINCNTL199
for Y/C mode and BT.656 modes they are unused.
IPD
–
VOUT[0]_R_CR[4]/
AA9
O
DVDD
PINCNTL198
GP2
VOUT[0]_R_CR[3]/
IPD
AB9
O
PINCNTL197
GP2[27]
DVDD
DSIS: PIN
VOUT[0]_R_CR[2]/
EMU4, GP2
IPD
EMU4/
AD9
O
PINCNTL196
DVDD
GP2[26]
DSIS: PIN
Video Output Vertical Sync output. This is the discrete
IPD
–
VOUT[0]_VSYNC
AB13
O
vertical synchronization output. This signal is not used
DVDD
PINCNTL178
for embedded sync modes.
Video Output Horizontal Sync output. This is the discrete
IPD
–
VOUT[0]_HSYNC
AC11
O
horizontal synchronization output. This signal is not used
DVDD
PINCNTL177
for embedded sync modes.
CAMERA_I/F,
VOUT[0]_FLD/
GPMC, UART2,
CAM_PCLK/
IPD
GP2
GPMC_A[12]/
AF18
O
DVDD_C
PINCNTL175
UART2_RTS/
DSIS: N/A
Video Output Field ID output. This is the discrete field
GP2[2]
MM: MUX1
identification output. This signal is not used for
embedded sync modes.
VOUT[0]_AVID/
VOUT[0], SPI[3],
VOUT[0]_FLD/
TIMER7, GP2
IPD
SPI[3]_SCLK/
AA10
O
PINCNTL179
DVDD
TIM7_IO/
DSIS: N/A
GP2[21]
MM: MUX0
VOUT[0]_AVID/
VOUT[0], SPI[3],
VOUT[0]_FLD/
Video Output Active Video output. This is the discrete
IPD
TIMER7, GP2
SPI[3]_SCLK/
AA10
O
active video indicator output. This signal is not used for
DVDD
PINCNTL179
TIM7_IO/
embedded sync modes.
DSIS: N/A
GP2[21]
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
133
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com