Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 125Page - Texas Instruments AM3874 Datasheet HTML 126Page - Texas Instruments AM3874 Datasheet HTML 127Page - Texas Instruments AM3874 Datasheet HTML 128Page - Texas Instruments AM3874 Datasheet HTML 129Page - Texas Instruments AM3874 Datasheet HTML 130Page - Texas Instruments AM3874 Datasheet HTML 131Page - Texas Instruments AM3874 Datasheet HTML 132Page - Texas Instruments AM3874 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-44. Video Input 1 (Digital) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1]_R_CR[4]/
VOUT[1],
EMAC[1]_MTXD[3]/
EMAC[1], SPI[3],
IPD
VIN[1]A_D[15]/
AG27
I
GP3
DVDD
SPI[3]_SCS[1]/
PINCNTL222
GP3[14]
DSIS: PIN
VOUT[1]_G_Y_YC[9]/
VOUT[1],
EMAC[1]_MTXD[2]/
IPD
EMAC[1], GP3
AD26
I
VIN[1]A_D[14]/
DVDD
PINCNTL221
GP3[13]
DSIS: PIN
VOUT[1]_G_Y_YC[8]/
VOUT[1],
EMAC[1]_MTXD[1]/
IPD
EMAC[1], GP3
AE26
I
VIN[1]A_D[13]/
DVDD
PINCNTL220
GP3[12]
DSIS: PIN
VOUT[1]_G_Y_YC[7]/
VOUT[1],
EMAC[1]_MTXD[0]/
IPD
EMAC[1], GP3
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
AF26
I
VIN[1]A_D[12]/
DVDD
PINCNTL219
Cb/Cr and [15:8] are Y Port A inputs. For 8-bit capture,
GP3[11]
DSIS: PIN
D[7:0] are Port A YCbCr data inputs. For RGB capture,
D[23:16] are R, D[15:8] are G, and D[7:0] are B Port A
VOUT[1]_G_Y_YC[6]/
VOUT[1],
data inputs.
EMAC[1]_GMTCLK/
IPD
EMAC[1], GP3
AH27
I
VIN[1]A_D[11]/
DVDD
PINCNTL218
GP3[10]
DSIS: PIN
VOUT[1]_G_Y_YC[5]/
VOUT[1],
EMAC[1]_MRXDV/
IPD
EMAC[1], GP3
AG26
I
VIN[1]A_D[10]/
DVDD
PINCNTL217
GP3[9]
DSIS: PIN
VOUT[1]_G_Y_YC[4]/
VOUT[1],
EMAC[1]_MRXD[7]/
IPD
EMAC[1], GP3
W22
I
VIN[1]A_D[9]/
DVDD
PINCNTL216
GP3[8]
DSIS: PIN
VOUT[1]_G_Y_YC[3]/
VOUT[1],
EMAC[1]_MRXD[6]/
IPD
EMAC[1], GP3
Y23
I
VIN[1]A_D[8]/
DVDD
PINCNTL215
GP3[7]
DSIS: PIN
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
129
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com