Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 127 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 123Page - Texas Instruments AM3874 Datasheet HTML 124Page - Texas Instruments AM3874 Datasheet HTML 125Page - Texas Instruments AM3874 Datasheet HTML 126Page - Texas Instruments AM3874 Datasheet HTML 127Page - Texas Instruments AM3874 Datasheet HTML 128Page - Texas Instruments AM3874 Datasheet HTML 129Page - Texas Instruments AM3874 Datasheet HTML 130Page - Texas Instruments AM3874 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-43. Video Input 0 (Digital) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VIN[0]A_FLD/
VIN[0]A, UART5,
Video Input 0 Port B Vertical Sync1 input. Discrete
VIN[0]B_VSYNC/
IPU
I2C[2], GP2
vertical synchronization signal for Port B 8-bit YCbCr
UART5_RXD/
AA20
I
DVDD
PINCNTL136
capture without embedded syncs (“BT.601” modes). Not
I2C[2]_SCL/
DSIS:0
used in RGB or 16-bit YCbCr capture modes.
GP2[1]
Video Input 0 Port A Vertical Sync0 input. Discrete
VIN[0]A_VSYNC/
UART5, GP2
IPU
vertical synchronization signal for Port A RGB capture
UART5_CTS/
AD20
I
PINCNTL139
DVDD
mode or YCbCr capture without embedded syncs
GP2[4]
DSIS: 0
(“BT.601” modes).
CAMERA_I/F,
Video Input 0 Port B Field ID input. Discrete field
VIN[0]B_FLD/
IPU
GP0
identification signal for Port B 8-bit YCbCr capture
CAM_D[4]/
AD17
I
DVDD_C
PINCNTL167
without embedded syncs (“BT.601” modes). Not used in
GP0[21]
DSIS: 0
RGB or 16-bit YCbCr capture modes.
CAMERA_I/F,
VIN[0]A_FLD/
GP0
IPU
CAM_D[5]/
AC22
I
PINCNTL166
DVDD_C
GP0[20]
DSIS: 0
Video Input 0 Port A Field ID input. Discrete field
MM: MUX1
identification signal for Port A RGB capture mode or
YCbCr capture without embedded syncs (“BT.601”
VIN[0]A_FLD/
VIN[0]B, UART5,
modes).
VIN[0]B_VSYNC/
I2C[2], GP2
IPU
UART5_RXD/
AA20
I
PINCNTL136
DVDD
I2C[2]_SCL/
DSIS: 0
GP2[1]
MM: MUX0
CAMERA_I/F,
VIN[0]B_DE/
Video Input 0 Port B Data Enable input. Discrete data
IPU
GP0
CAM_D[6]/
AC15
I
valid signal for Port B RGB capture mode or YCbCr
DVDD_C
PINCNTL165
GP0[19]
capture without embedded syncs (“BT.601” modes).
DSIS: 0
CAMERA_I/F,
VIN[0]A_DE/
GP0
IPU
CAM_D[7]/
AB17
I
PINCNTL164
DVDD_C
GP0[18]
DSIS: 0
Video Input 0 Port A Data Enable input. Discrete data
MM: MUX1
valid signal for Port A RGB capture mode or YCbCr
VIN[0]A_DE/
VIN[0]B, UART5,
capture without embedded syncs ("BT.601" modes).
VIN[0]B_HSYNC/
I2C[2], GP2
IPU
UART5_TXD/
AE21
I
PINCNTL135
DVDD
I2C[2]_SDA/
DSIS: 0
GP2[0]
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
127
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com