| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 124 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 124 Page - Texas Instruments |
|
124 / 361 page ![]() AM3874, AM3871 SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 www.ti.com 3.2.21 USB Table 3-42. USB Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. USB0 – USB0 bidirectional data differential signal pair USB0_DP AG11 A I/O – VDDA_USB_3P3 [plus/minus]. – When the USB0 PHY is powered down, these pins USB0_DM AH11 A I/O – VDDA_USB_3P3 should be left unconnected. USB0 OTG identification input. – USB0_ID AG10 A I – When the USB0 PHY is powered down, this pin should VDDA_USB_3P3 be left unconnected. USB0 charger enable. – USB0_CE AH10 A O – When the USB0 PHY is powered down, this pin should VDDA_USB_3P3 be left unconnected. 5-V USB0 VBUS comparator input. This analog input pin senses the level of the USB VBUS – USB0_VBUSIN AG12 A I – voltage and should connect directly to the USB VBUS VDDA_USB_3P3 voltage. When the USB0 PHY is powered down, this pin should be left unconnected. When this pin is used as USB0_DRVVBUS and the USB0 Controller is operating as a Host, this signal is GP0 used by the USB0 Controller to enable the external USB0_DRVVBUS/ IPD AF11 O PINCNTL270 VBUS charge pump. GP0[7] DVDD DSIS: N/A When the USB0 PHY is powered down, this pin should be left unconnected. USB1 – USB1 bidirectional data differential signal pair USB1_DP AG13 A I/O – VDDA_USB_3P3 [plus/minus]. – When the USB1 PHY is powered down, these pins USB1_DM AH13 A I/O – VDDA_USB_3P3 should be left unconnected. USB1 OTG identification input. – USB1_ID AH12 A I – When the USB1 PHY is powered down, this pin should VDDA_USB_3P3 be left unconnected. USB1 charger enable. – USB1_CE AH14 A O – When the USB1 PHY is powered down, this pin should VDDA_USB_3P3 be left unconnected. 5-V USB1 VBUS comparator input. This analog input pin senses the level of the USB VBUS – USB1_VBUSIN AG14 A I – voltage and should connect directly to the USB VBUS VDDA_USB_3P3 voltage. When the USB1 PHY is powered down, this pin should be left unconnected. When this pin is used as USB1_DRVVBUS and the AUD_CLKIN0/ USB1 Controller is operating as a Host, this signal is AUD_CLKIN0, MCA[0]_AXR[7]/ used by the USB1 Controller to enable the external IPD MCA[0], MCA[3], MCA[0]_AHCLKX/ L5 O VBUS charge pump. DVDD PINCNTL14 MCA[3]_AHCLKX/ DSIS: N/A When the USB1 PHY is powered down, this pin should USB1_DRVVBUS be left unconnected. (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 124 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |