| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 122 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 122 Page - Texas Instruments |
|
122 / 361 page ![]() AM3874, AM3871 SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-41. UART5 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. UART5 MCA[2]_AXR[0]/ MCA[2], SD0, GP0 SD0_DAT[6]/ IPU PINCNTL41 N2 I UART5_RXD/ DVDD DSIS: 1 GP0[12] MM: MUX3 VOUT[1]_R_CR[8]/ VOUT[1], EMAC[1], EMAC[1]_MTXD[7]/ VIN[1]A, GP3 IPD VIN[1]A_D[19]/ W23 I PINCNTL226 DVDD UART5_RXD/ DSIS: 1 GP3[18] MM: MUX2 VIN[0]A_FLD/ VIN[0]A, I2C[2], UART5 Receive Data Input. Functions as IrDA receive VIN[0]B_VSYNC/ GP2 input in IrDA modes and CIR receive input in CIR mode. IPU UART5_RXD/ AA20 I PINCNTL136 DVDD I2C[2]_SCL/ DSIS: 1 GP2[1] MM: MUX1 EMAC[0]_MRXD[3]/ EMAC[1]_RGRXCTL EMAC[0], / EMAC[1], GPMC IPD GPMC_A[27]/ J25 I PINCNTL243 DVDD_GPMC GPMC_A[26]/ DSIS: 1 GPMC_A[0]/ MM: MUX0 UART5_RXD MCA[2]_AXR[1]/ MCA[2], SD0, GP0 SD0_DAT[7]/ IPU PINCNTL42 V6 O UART5_TXD/ DVDD DSIS: PIN GP0[13] MM: MUX3 VOUT[1]_R_CR[9]/ VOUT[1], EMAC[1], EMAC[1]_MTXEN/ VIN[1]A, GP3 IPD VIN[1]A_D[20]/ Y24 O PINCNTL227 DVDD UART5_TXD/ DSIS: PIN GP3[19] MM: MUX2 UART5 Transmit Data Output. Functions as CIR transmit VIN[0]A_DE/ VIN[0]A, I2C[2], output in CIR mode. VIN[0]B_HSYNC/ GP0 IPU UART5_TXD/ AE21 O PINCNTL135 DVDD I2C[2]_SDA/ DSIS: PIN GP2[0] MM: MUX1 EMAC[0]_MRXD[4]/ EMAC[0], GPMC EMAC[0]_RGRXD[3] IPD PINCNTL244 / T23 O DVDD_GPMC DSIS: PIN GPMC_A[1]/ MM: MUX0 UART5_TXD VIN[0]A, GP2 VIN[0]A_HSYNC/ IPU PINCNTL138 UART5_RTS/ AC20 O DVDD DSIS: PIN GP2[3] MM: MUX1 UART5 Request to Send Output. Indicates module is ready to receive data. Functions as transmit data output in EMAC[0]_MRXD[6]/ EMAC[0], GPMC IrDA modes. EMAC[0]_RGTXD[2] IPD PINCNTL246 / F28 O DVDD_GPMC DSIS: PIN GPMC_A[3]/ MM: MUX0 UART5_RTS (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 122 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |