Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 115Page - Texas Instruments AM3874 Datasheet HTML 116Page - Texas Instruments AM3874 Datasheet HTML 117Page - Texas Instruments AM3874 Datasheet HTML 118Page - Texas Instruments AM3874 Datasheet HTML 119Page - Texas Instruments AM3874 Datasheet HTML 120Page - Texas Instruments AM3874 Datasheet HTML 121Page - Texas Instruments AM3874 Datasheet HTML 122Page - Texas Instruments AM3874 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-39. UART3 Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
UART3
VOUT[1],
VOUT[1]_B_CB_C[6]/
EMAC[1], VIN[1]A,
EMAC[1]_MRXD[2]/
IPD
GP3
VIN[1]A_D[3]/
AD25
I
DVDD
PINCNTL211
UART3_RXD/
DSIS: 1
GP3[3]
MM: MUX1
UART3 Receive Data Input. Functions as IrDA receive input
in IrDA modes and CIR receive input in CIR mode.
UART0_DCD/
UART0, SPI[0],
UART3_RXD/
I2C[2], SD1, GP1
SPI[0]_SCS[3]/
IPU
AH4
I
PINCNTL74
I2C[2]_SCL/
DVDD
DSIS: 1
SD1_POW/
MM: MUX0
GP1[2]
VOUT[1],
VOUT[1]_B_CB_C[7]/
EMAC[1], VIN[1]A,
EMAC[1]_MRXD[3]/
IPD
GP3
VIN[1]A_D[4]/
AC25
O
DVDD
PINCNTL212
UART3_TXD/
DSIS: PIN
GP3[4]
MM: MUX1
UART3 Transmit Data Output. Functions as CIR transmit
output in CIR mode.
UART0_DSR/
UART0, SPI[0],
UART3_TXD/
I2C[2], SD1, GP1
SPI[0]_SCS[2]/
IPU
AG4
O
PINCNTL75
I2C[2]_SDA/
DVDD
DSIS: PIN
SD1_SDWP/
MM: MUX0
GP1[3]
VOUT[1]_HSYNC/
VOUT[1],
EMAC[1]_MCOL/
EMAC[1], VIN[1]A,
VIN[1]A_VSYNC/
IPD
SPI[3], GP2
AC24
O
SPI[3]_D[1]/
DVDD
PINCNTL205
UART3_RTS/
DSIS: PIN
UART3 Request to Send Output. Indicates module is ready
GP2[29]
MM: MUX1
to receive data. Functions as transmit data output in IrDA
modes.
UART0, UART1,
UART0_RIN/
GP1
UART3_RTS/
IPU
AF4
O
PINCNTL77
UART1_RXD/
DVDD
DSIS: PIN
GP1[5]
MM: MUX0
VOUT[1]_VSYNC/
VOUT[1],
EMAC[1]_MCRS/
EMAC[1], VIN[1]A,
VIN[1]A_FLD/
IPD
SPI[3], GP2
VIN[1]A_DE/
AA23
I/O
DVDD
PINCNTL206
SPI[3]_D[0]/
DSIS: 1
UART3_CTS/
UART3 Clear to Send Input. Functions as SD transceiver
MM: MUX1
GP2[30]
control output in IrDA and CIR modes.
UART3, UART1,
UART0_DTR/
GP1
UART3_CTS/
IPU
AG2
I/O
PINCNTL76
UART1_TXD/
DVDD
DSIS: 1
GP1[4]
MM: MUX0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
119
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com