| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 120 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 120 Page - Texas Instruments |
|
120 / 361 page ![]() AM3874, AM3871 SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-40. UART4 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. UART4 UART0_CTS/ UART0, DCAN1, UART4_RXD/ SPI[1], SD0 IPU DCAN1_TX/ AE6 I PINCNTL72 DVDD SPI[1]_SCS[3]/ DSIS: 1 SD0_SDCD MM: MUX3 VOUT[1], VOUT[1]_B_CB_C[4]/ EMAC[1], VIN[1]A, EMAC[1]_MRXD[0]/ IPD GP3 VIN[1]A_D[1]/ AG25 I DVDD PINCNTL209 UART4_RXD/ DSIS: 1 GP3[1] MM: MUX2 UART4 Receive Data Input. Functions as IrDA receive input in IrDA modes and CIR receive input in CIR mode. EMAC[0], EMAC[0]_MTXD[1]/ EMAC[1], GPMC EMAC[1]_RGTXD[1]/ IPD H25 I PINCNTL251 GPMC_A[8]/ DVDD_GPMC DSIS: 1 UART4_RXD MM: MUX1 VOUT[1], VOUT[1]_G_Y_YC[1]/ CAMERA_I/F, CAM_D[3]/ IPU GPMC, GP0 GPMC_A[5]/ AD18 I DVDD_C PINCNTL168 UART4_RXD/ DSIS: 1 GP0[22] MM: MUX0 UART0_RTS/ UART0, DCAN1, UART4_TXD/ SPI[1], SD2 IPU DCAN1_RX/ AF5 O PINCNTL73 DVDD SPI[1]_SCS[2]/ DSIS: PIN SD2_SDCD MM: MUX3 VOUT[1], VOUT[1]_B_CB_C[5]/ EMAC[1], VIN[1]A, EMAC[1]_MRXD[1]/ IPD GP3 VIN[1]A_D[2]/ AF25 O DVDD PINCNTL210 UART4_TXD/ DSIS: PIN GP3[2] MM: MUX2 UART4 Transmit Data Output. Functions as CIR transmit output in CIR mode. EMAC[0]_MTXD[2]/ EMAC[0], EMAC[1]_RGTXCTL/ EMAC[1], GPMC IPD EMAC[1]_RMRXD[0]/ H22 O PINCNTL252 DVDD_GPMC GPMC_A[9]/ DSIS: PIN UART4_TXD MM: MUX1 VOUT[1], VOUT[1]_G_Y_YC[0]/ CAMERA_I/F, CAM_D[2]/ IPD GPMC, GP0 GPMC_A[6]/ AC18 O DVDD_C PINCNTL169 UART4_TXD/ DSIS: PIN GP0[23] MM: MUX0 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 120 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |