| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 118 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 118 Page - Texas Instruments |
|
118 / 361 page ![]() AM3874, AM3871 SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-38. UART2 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. UART2 SD2_DAT[7]/ SD2, GPMC, GP1 GPMC_A[24]/ IPU PINCNTL113 GPMC_A[20]/ L25 I DVDD_GPMC DSIS: 1 UART2_RXD/ MM: MUX3 GP1[19] DCAN0, I2C[3], DCAN0_RX/ GP1 UART2_RXD/ IPU AG6 I PINCNTL69 I2C[3]_SCL/ DVDD DSIS: 1 GP1[1] MM: MUX2 UART2 Receive Data Input. Functions as IrDA receive input in IrDA modes and CIR receive input in CIR mode. GP0 UART2_RXD/ IPD PINCNTL59 U4 I GP0[29] DVDD DSIS: 1 MM: MUX1 VOUT[1], VOUT[1]_B_CB_C[1]/ CAMERA_I/F, CAM_HS/ IPD GPMC, GP0 GPMC_A[9]/ AE23 I DVDD_C PINCNTL172 UART2_RXD/ DSIS: 1 GP0[26] MM: MUX0 SD2_DAT[6]/ SD2, GPMC, GP1 GPMC_A[25]/ IPU PINCNTL114 GPMC_A[21]/ N23 O DVDD_GPMC DSIS: PIN UART2_TXD/ MM: MUX3 GP1[20] DCAN0, I2C[3], DCAN0_TX/ GP1 UART2_TXD/ IPU AH6 O PINCNTL68 I2C[3]_SDA/ DVDD DSIS: PIN GP1[0] MM: MUX2 UART2 Transmit Data Output. Functions as CIR transmit output in CIR mode. GP0 UART2_TXD/ IPD PINCNTL61 U3 O GP0[31] DVDD DSIS: PIN MM: MUX1 VOUT[1], VOUT[1]_B_CB_C[0]/ CAMERA_I/F, CAM_VS/ IPU GPMC, GP0 GPMC_A[10]/ AD23 O DVDD_C PINCNTL173 UART2_TXD/ DSIS: PIN GP0[27] MM: MUX0 VOUT[0]_FLD/ VOUT[0], CAM_PCLK/ CAMERA_I/F, UART2 Request to Send Output. Indicates module is IPD GPMC_A[12]/ AF18 O GPMC, GP2 ready to receive data. Functions as transmit data output DVDD_C UART2_RTS/ PINCNTL175 in IrDA modes. GP2[2] DSIS: PIN VOUT[1]_FLD/ VOUT[1], CAM_FLD/ CAMERA_I/F, CAM_WE/ IPD UART2 Clear to Send Input. Functions as SD AB23 I/O GPMC, GP0 GPMC_A[11]/ DVDD_C transceiver control output in IrDA and CIR modes. PINCNTL174 UART2_CTS/ DSIS: 1 GP0[28] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 118 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |