Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 121 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 117Page - Texas Instruments AM3874 Datasheet HTML 118Page - Texas Instruments AM3874 Datasheet HTML 119Page - Texas Instruments AM3874 Datasheet HTML 120Page - Texas Instruments AM3874 Datasheet HTML 121Page - Texas Instruments AM3874 Datasheet HTML 122Page - Texas Instruments AM3874 Datasheet HTML 123Page - Texas Instruments AM3874 Datasheet HTML 124Page - Texas Instruments AM3874 Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-40. UART4 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1]_AVID/
VOUT[1],
EMAC[1]_MRXER/
EMAC[1], VIN[1]A,
VIN[1]A_CLK/
IPD
TIMER6, GP2
Y22
O
UART4_RTS/
DVDD
PINCNTL207
TIM6_IO/
DSIS: PIN
GP2[31]
MM: MUX2
EMAC[0]_MTXD[4]/
EMAC[0],
EMAC[1]_RGTXD[2]/
EMAC[1], GPMC
UART4 Request to Send Output. Indicates module is
IPD
EMAC[1]_RMRXER/
G23
O
PINCNTL254
ready to receive data. Functions as transmit data output
DVDD_GPMC
GPMC_A[11]/
DSIS: PIN
in IrDA modes.
UART4_RTS
MM: MUX1
VOUT[1],
VOUT[1]_R_CR[0]/
CAMERA_I/F,
CAM_D[0]/
IPD
GPMC, GP0
GPMC_A[8]/
AA22
O
DVDD_C
PINCNTL171
UART4_RTS/
DSIS: PIN
GP0[25]
MM: MUX0
VOUT[1],
VOUT[1]_B_CB_C[3]/
EMAC[1], VIN[1]A,
EMAC[1]_MRCLK/
IPD
GP3
VIN[1]A_D[0]/
AH25
I/O
DVDD
PINCNTL208
UART4_CTS/
DSIS: 1
GP3[0]
MM: MUX2
EMAC[0]_MTXD[3]/
EMAC[0],
EMAC[1]_RGTXD[0]/
EMAC[1], GPMC
IPD
UART4 Clear to Send Input. Functions as SD transceiver
EMAC[1]_RMRXD[1]/
H23
I/O
PINCNTL253
DVDD_GPMC
control output in IrDA and CIR modes.
GPMC_A[10]/
DSIS: 1
UART4_CTS
MM: MUX1
VOUT[1],
VOUT[1]_R_CR[1]/
CAMERA_I/F,
CAM_D[1]/
IPD
GPMC, GP0
GPMC_A[7]/
AC19
I/O
DVDD_C
PINCNTL170
UART4_CTS/
DSIS: 1
GP0[24]
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
121
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com