Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 131 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 127Page - Texas Instruments AM3874 Datasheet HTML 128Page - Texas Instruments AM3874 Datasheet HTML 129Page - Texas Instruments AM3874 Datasheet HTML 130Page - Texas Instruments AM3874 Datasheet HTML 131Page - Texas Instruments AM3874 Datasheet HTML 132Page - Texas Instruments AM3874 Datasheet HTML 133Page - Texas Instruments AM3874 Datasheet HTML 134Page - Texas Instruments AM3874 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-44. Video Input 1 (Digital) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[0]_MRXER/
EMAC[0]_RGTXCTL/
EMAC[0], GP3
IPD
VIN[1]B_D[3]/
J26
I
PINCNTL238
DVDD_GPMC
EMAC[0]_RMRXER/
DSIS: PIN
GP3[26]
EMAC[0]_MCRS/
EMAC[0]_RGRXD[2]/
EMAC[0], GP3
IPD
VIN[1]B_D[2]/
R25
I
PINCNTL237
DVDD_GPMC
EMAC[0]_RMRXD[1]/
DSIS: PIN
GP3[25]
Video Input Port B Data inputs. For 8-bit capture,
EMAC[0]_MCOL/
B_D[7:0] are Port B YCbCr data inputs.
EMAC[0]_RGRXCTL/
EMAC[0], GP3
IPD
VIN[1]B_D[1]/
L23
I
PINCNTL236
DVDD_GPMC
EMAC[0]_RMRXD[0]/
DSIS: PIN
GP3[24]
EMAC[0]_MTCLK/
EMAC[0]_RGRXC/
EMAC[0], SPI[3],
VIN[1]B_D[0]/
IPD
I2C[2], GP3
L24
I
SPI[3]_SCS[3]/
DVDD_GPMC
PINCNTL235
I2C[2]_SDA/
DSIS: PIN
GP3[23]
VOUT[1]_CLK/
VOUT[1],
Video Input 1 Port A Horizontal Sync input. Discrete
EMAC[1]_MTCLK/
IPD
EMAC[1], GP2
horizontal synchronization signal forPort A YCbCr
AE24
I
VIN[1]A_HSYNC/
DVDD
PINCNTL204
capture modes without embedded syncs (“BT.601”
GP2[28]
DSIS: 0
modes).
VOUT[1]_HSYNC/
VOUT[1],
EMAC[1]_MCOL/
EMAC[1], SPI[3],
Video Input 1 Port A Vertical Sync input. Discrete vertical
VIN[1]A_VSYNC/
IPD
AC24
I
UART3, GP2
synchronization signal for Port A YCbCr capture modes
SPI[3]_D[1]/
DVDD
PINCNTL205
without embedded syncs (“BT.601” modes).
UART3_RTS/
DSIS: 0
GP2[29]
VOUT[1]_VSYNC/
VOUT[1],
EMAC[1]_MCRS/
EMAC[1],
VIN[1]A_FLD/
Video Input 1 Port A Data Enable input. Discrete data
IPD
VIN[1]A, SPI[3],
VIN[1]A_DE/
AA23
I
valid signal for Port A YCbCr capture modes without
DVDD
UART3, GP2
SPI[3]_D[0]/
embedded syncs (“BT.601” modes).
PINCNTL206
UART3_CTS/
DSIS: 0
GP2[30]
VOUT[1]_VSYNC/
VOUT[1],
EMAC[1]_MCRS/
EMAC[1],
VIN[1]A_FLD/
Video Input 1 Port A Field ID input. Discrete field
IPD
VIN[1]A, SPI[3],
VIN[1]A_DE/
AA23
I
identification signal for Port A YCbCr capture modes
DVDD
UART3, GP2
SPI[3]_D[0]/
without embedded syncs (“BT.601” modes).
PINCNTL206
UART3_CTS/
DSIS: 0
GP2[30]
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
131
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com