Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 154 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 154 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 150Page - Texas Instruments AM3874 Datasheet HTML 151Page - Texas Instruments AM3874 Datasheet HTML 152Page - Texas Instruments AM3874 Datasheet HTML 153Page - Texas Instruments AM3874 Datasheet HTML 154Page - Texas Instruments AM3874 Datasheet HTML 155Page - Texas Instruments AM3874 Datasheet HTML 156Page - Texas Instruments AM3874 Datasheet HTML 157Page - Texas Instruments AM3874 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
Table 4-13. PINCNTLx Registers MUXMODE Functions (continued)
HEX
REGISTER
MUXMODE[7:0] SETTINGS
REGISTER
PIN
ADDRESS
RESET
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
VALUE
0x4814 08D8
PINCNTL55
J3
0x000C 0000
MCA[5]_ACLKX
GP0[25]
(M1)
0x4814 08DC
PINCNTL56
H5
0x000C 0000
MCA[5]_AFSX
GP0[26]
(M1)
0x4814 08E0
PINCNTL57
L7
0x000C 0000
MCA[5]_AXR[0]
MCA[4]_AXR[2]
GP0[27]
(M1)
0x4814 08E4
PINCNTL58
L6
0x000C 0000
MCA[5]_AXR[1]
MCA[4]_AXR[3]
TIM7_IO
(M0)
GP0[28]
(M1)
0x4814 08E8
PINCNTL59
U4
0x0004 0000
GP0[29]
UART2_RXD
(M1)
0x4814 08EC
PINCNTL60
T2
0x0004 0000
TCLKIN
GP0[30]
0x4814 08F0
PINCNTL61
U3
0x000C 0000
GP0[31]
UART2_TXD
(M1)
0x4814 08F4
PINCNTL62
W1
0x000C 0000
GP1[7]
(M1)
0x4814 08F8
PINCNTL63
W2
0x000E 0000
GP1[8]
(M1)
0x4814 08FC
PINCNTL64
V1
0x000C 0000
GP1[9]
(M1)
0x4814 0900
PINCNTL65
V2
0x000E 0000
GP1[10]
(M1)
0x4814 0904
PINCNTL66
–
0x000C 0000
Reserved. Do Not Program this Register.
0x4814 0908
PINCNTL67
–
0x000E 0000
Reserved. Do Not Program this Register.
0x4814 090C
PINCNTL68
AH6
0x000E 0000
DCAN0_TX
GP1[0]
UART2_TXD
(M2)
I2C[3]_SDA
(M1)
0x4814 0910
PINCNTL69
AG6
0x000E 0000
DCAN0_RX
GP1[1]
UART2_RXD
(M2)
I2C[3]_SCL
(M1)
0x4814 0914
PINCNTL70
AH5
0x000E 0000
UART0_RXD
0x4814 0918
PINCNTL71
AG5
0x000E 0000
UART0_TXD
0x4814 091C
PINCNTL72
AE6
0x000E 0000
UART0_CTS
DCAN1_TX
SPI[1]_SCS[3]
SD0_SDCD
UART4_RXD
(M3)
0x4814 0920
PINCNTL73
AF5
0x000E 0000
UART0_RTS
DCAN1_RX
SPI[1]_SCS[2]
SD2_SDCD
UART4_TXD
(M3)
0x4814 0924
PINCNTL74
AH4
0x000E 0000
UART0_DCD
SPI[0]_SCS[3]
SD1_POW
GP1[2]
UART3_RXD
(M0)
I2C[2]_SCL
(M0)
0x4814 0928
PINCNTL75
AG4
0x000E 0000
UART0_DSR
SPI[0]_SCS[2]
SD1_SDWP
GP1[3]
UART3_TXD
(M0)
I2C[2]_SDA
(M0)
0x4814 092C
PINCNTL76
AG2
0x000E 0000
UART0_DTR
GP1[4]
UART3_CTS
(M0)
UART1_TXD
(M0)
0x4814 0930
PINCNTL77
AF4
0x000E 0000
UART0_RIN
GP1[5]
UART3_RTS
(M0)
UART1_RXD
(M0)
0x4814 0934
PINCNTL78
AF24
0x000E 0000
I2C[1]_SCL
HDMI_SCL
(M0)
0x4814 0938
PINCNTL79
AG24
0x000E 0000
I2C[1]_SDA
HDMI_SDA
(M0)
0x4814 093C
PINCNTL80
AE5
0x0006 0000
SPI[0]_SCS[1]
SD1_SDCD
SATA_ACT0_LED
GP1[6]
EDMA_EVT1
(M1)
TIM4_IO
(M1)
0x4814 0940
PINCNTL81
AD6
0x0006 0000
SPI[0]_SCS[0]
0x4814 0944
PINCNTL82
AC7
0x0006 0000
SPI[0]_SCLK
0x4814 0948
PINCNTL83
AF3
0x0006 0000
SPI[0]_D[1]
0x4814 094C
PINCNTL84
AE3
0x0006 0000
SPI[0]_D[0]
0x4814 0950
PINCNTL85
AD3
0x0006 0000
SPI[1]_SCS[0]
GP1[16]
(M1)
0x4814 0954
PINCNTL86
AC3
0x0006 0000
SPI[1]_SCLK
GP1[17]
(M1)
0x4814 0958
PINCNTL87
AA3
0x0006 0000
SPI[1]_D[1]
GP1[18]
(M1)
0x4814 095C
PINCNTL88
AA6
0x0006 0000
SPI[1]_D[0]
GP1[26]
(M1)
154
Device Configurations
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com