Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 163 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 163 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 159Page - Texas Instruments AM3874 Datasheet HTML 160Page - Texas Instruments AM3874 Datasheet HTML 161Page - Texas Instruments AM3874 Datasheet HTML 162Page - Texas Instruments AM3874 Datasheet HTML 163Page - Texas Instruments AM3874 Datasheet HTML 164Page - Texas Instruments AM3874 Datasheet HTML 165Page - Texas Instruments AM3874 Datasheet HTML 166Page - Texas Instruments AM3874 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 361 page
background image
L4S Targets
MMU
UART 0/1/2/3/4/5
I2C 0/1/2/3
DMTimer 0/1/2/3/4/5/6/7/8
SPI 0/1/2/3
GPIO 0/1/2/3
MCASP 0/1/2 CFG
MMCSD 0 /1
ELM
RTC
WDT 0/1
Mailbox
Spinlock
HDVPSS
HDMIPHY
PLLSS
Control Module
PRCM
DCAN 0/1
OCPWP
SYNCTIMER32K
L4F Targets
EMAC SW
SATA
MCASP 3/4/5 CFG
MCASP 3/4/5 DATA
L3S Targets
MCASP 0/1 / 2 Data
MCBSP
GPMC
HDMI
USB
L3S Interconnect
100 MHz (Note 1)
L3F/L3Mid
Interconnect
200 MHz (Note 1)
L4S
Interconnect
100 MHz
(Note1)
L4F
Interconnect
200 MHz
(Note 1)
L3F
Initiators
EDMATC RD 2/3
EDMATC WR 2/3
HDVPSS (2 I/F)
ISS
SGX530
L3F
Initiators
EMAC SW
SATA
DAP
L3S Initiators
USB2.0 (2 I/F)
L3F
Targets
ISS
MMCSD 2
EDMATC 0/1/2/3
EDMACC
DEBUGSS
DMM
DDR0
DDR1
ARM Cortex
A8
2 I/F
L3F
Initiators
PCIe
MEDIACTL
8 I/F
2 I/F
4 I/F
EDMATC RD 0/1
EDMATC WR 0/1
Note 1 : The frequencies specified are for 100% OPP
2 I/F
4 I/F
1 I/F
9 I/F
7 I/F
58 I/F
11 I/F
11 I/F
5 I/F
L3F
Targets
PCIe
MEDIACTL
SGX530
OCMC SRAM
2 I/F
128b
128b
128b
128b
128b
32b
32b
32b
32b
32b
32b
32b
32b
64b
64b
64b
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
5
System Interconnect
The device’s various processors, subsystems, and peripherals are interconnected through a switch fabric
architecture. The switch fabric is composed of an L3 and L4 interconnect, a switched central resource
(SCR), and multiple bridges (for an overview, see Figure 5-1). Not all Initiators in the switch fabric are
connected to all Target peripherals. The supported initiator and target connections are designated by a "X"
in Table 5-1, Target/Initiator Connectivity.
For more detailed information on the device System Interconnect Architecture, see the AM387x Sitara™
ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
Figure 5-1. System Interconnect
Copyright © 2011–2013, Texas Instruments Incorporated
System Interconnect
163
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com