Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 167 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 167 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 163Page - Texas Instruments AM3874 Datasheet HTML 164Page - Texas Instruments AM3874 Datasheet HTML 165Page - Texas Instruments AM3874 Datasheet HTML 166Page - Texas Instruments AM3874 Datasheet HTML 167Page - Texas Instruments AM3874 Datasheet HTML 168Page - Texas Instruments AM3874 Datasheet HTML 169Page - Texas Instruments AM3874 Datasheet HTML 170Page - Texas Instruments AM3874 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
6
Device Operating Conditions
6.1
Absolute Maximum Ratings
(1) (2)
Core (CVDD, CVDD_ARM)
-0.3 V to 1.5 V
I/O, 1.8 V (DVDD_M, DVDD_DDR[0], DVDD_DDR[1], VDDA_1P8, VDDA_ARMPLL_1P8,
-0.3 V to 2.1 V
VDDA_VID0PLL_1P8, VDDA_VID1PLL_1P8, VDDA_AUDIOPLL_1P8,
Supply voltage ranges
VDDA_DDRPLL_1P8, VDDA_L3PLL_1P8, VDDA_PCIE_1P8, VDDA_SATA_1P8,
(Steady State):
VDDA_HDMI_1P8, VDDA_USB0_1P8, VDDA_USB1_1P8, VDDA_VDAC_1P8)
I/O 3.3 V (DVDD, DVDD_GPMC, DVDD_GPMCB, DVDD_SD, DVDD_C)
-0.3 V to 4.0 V
DDR Reference Voltage (VREFSSTL_DDR[0], VREFSSTL_DDR[1])
-0.3 V to 1.1 V
V I/O, 1.5-V pins (Steady State)
-0.3 V to
DVDD_DDR[x] + 0.3
V
V I/O, 1.8-V pins (Steady State)
-0.3 V to DVDD +
0.3 V
Input and Output voltage
-0.3 V to DVDD_x +
ranges:
0.3 V
V I/O, 3.3-V pins (Steady State)
-0.3 V to DVDD +
0.3 V
-0.3 V to DVDD_x +
0.3 V
Commercial Temperature
0°C to 90°C
Operating junction
Industrial
-40°C to 90°C
temperature range, TJ:
Extended
-40°C to 105°C
Storage temperature
-55°C to 150°C
range, Tstg:
I-test: Silicon Revision 3.0, All I/O pins(3)
±100 mA
Latch-up Performance:
I-test: Silicon Revision 2.1, All I/O pins(3)
±70 mA
Over-Voltage Test, All Supply pins(4)
1.5xVddmax V
ESD-HBM (Human Body Model)(5)
±1000 V
Electrostatic Discharge
(ESD) Performance:
ESD-CDM (Charged-Device Model)(6)
±250 V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to their associated VSS or VSSA_x.
(3)
Pins stressed per JEDEC JESD78 at 90°C (Class II) and passed with specified I/O pin injection current and clamp voltage of 1.5 times
maximum recommended I/O voltage and negative 0.5 times maximum recommended I/O voltage.
(4)
Supplies stressed per JEDEC JESD78 at 90°C (Class II) and passed specified voltage injection.
(5)
Level listed is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows safe
manufacturing with a standard ESD control process, and manufacturing with less than 500-V HBM is possible if necessary precautions
are taken. Pins listed as 1000 V may actually have higher performance.
(6)
Level listed is the passing level per EIA-JEDEC JESD22-C101E. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process, and manufacturing with less than 250-V CDM is possible if necessary precautions
are taken. Pins listed as 250 V may actually have higher performance.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Operating Conditions
167
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com