Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 165Page - Texas Instruments AM3874 Datasheet HTML 166Page - Texas Instruments AM3874 Datasheet HTML 167Page - Texas Instruments AM3874 Datasheet HTML 168Page - Texas Instruments AM3874 Datasheet HTML 169Page - Texas Instruments AM3874 Datasheet HTML 170Page - Texas Instruments AM3874 Datasheet HTML 171Page - Texas Instruments AM3874 Datasheet HTML 172Page - Texas Instruments AM3874 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Recommended Operating Conditions (continued)
PARAMETER
MIN
NOM
MAX
UNIT
Transition time, 10% - 90%, All inputs (unless otherwise
tt
specified in the Electrical Data/Timing sections of each
0.25P or 10(3)
ns
peripheral)
Commercial
0
90
°C
Temperature (default)
Operating junction temperature
TJ
range(4)
Industrial
-40
90
°C
Extended
-40
105
°C
(3)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
(4)
For more detailed information on estimating junction temps within systems, see the IC Package Thermal Metrics Application Report
(Literature Number: SPRA953).
6.3
Power-On Hours (POH)
The POH information in Table 6-1 is provided solely for convenience and does not extend or modify the warranty
provided under TI’s standard terms and conditions for TI Semiconductor Products. To avoid significant device
degradation, the device POH must be limited to those shown in Table 6-1.
Table 6-1. Power-On Hour Limits
Junction
Operating Condition
Nominal CVDD Voltage (V)
Lifetime POH(1)
Temperature (Tj)
100% OPP
1.1
-40 to 105 °C
100K
120% OPP
1.2
-40 to 105 °C
100K
166% OPP
1.35
-40 to 105 °C
49K
(1)
POH represent device operation under the specified nominal conditions continuously for the duration of the calculated lifetime.
Logic functions and parameter values are not ensured out of the range specified in Section 6.2,
Recommended Operating Conditions.
The above notations cannot be deemed a warranty or deemed to extend or modify the warranty under TI’s
standard terms and conditions for semiconductor products.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Operating Conditions
169
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com