Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 173 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 169Page - Texas Instruments AM3874 Datasheet HTML 170Page - Texas Instruments AM3874 Datasheet HTML 171Page - Texas Instruments AM3874 Datasheet HTML 172Page - Texas Instruments AM3874 Datasheet HTML 173Page - Texas Instruments AM3874 Datasheet HTML 174Page - Texas Instruments AM3874 Datasheet HTML 175Page - Texas Instruments AM3874 Datasheet HTML 176Page - Texas Instruments AM3874 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 7-2. Core Logic Voltage Domains and Supply Pin Associations
CORE LOGIC
SUPPLY PIN NAME
VOLTAGE DOMAIN
ARM_L
CVDD_ARM
CORE_L
CVDD
Note: A regulated supply voltage must be supplied to each Core Logic Voltage Domain at all times,
regardless of the Core Logic Power Domain states.
7.2.1.2
Memory Voltage Domains
The SRAM within each Device Module is assigned to one of four Memory Voltage Domains. The voltage
of each Memory Voltage Domain is independently controlled by internal LDO regulators, which are
supplied by the VDDA_1P8 pins.
The voltage level output by each of these LDO regulators is controlled through software by programming
the RAMLDO_CTRLx registers in the Control Module. The Memory Voltage Domain voltage must be
programmed based on the Core Logic Voltage Domain voltage for that domain (that is, the corresponding
Core Logic Voltage Domain for the ARM_M Voltage Domain is ARM_C, and so on). Table 7-3 shows the
Memory Voltage Domain voltage requirements.
Table 7-3. Memory Voltage Domain LDO Requirements
CORE LOGIC VOLTAGE
MEMORY VOLTAGE DOMAIN
DOMAIN VOLTAGE (V)
VOLTAGE (V)
0.83 – 1.20
1.20
7.2.1.3
Power Domains
The device contains six Power Domains which supply power to both the Core Logic and SRAM within their
associated modules. Each Power Domain, except for the ALWAYS ON domain, has an internal power
switch that can completely remove power from that domain. All power switches are turned "OFF" by
default after reset, and software can individually turn them "ON/OFF" via Control Module registers.
Note: All Modules within a Power Domain are unavailable when the domain is powered "OFF". For
instructions on powering "ON/OFF" the Power domains, see the Power, Reset, and Clock Management
(PRCM) Module chapter of the AM387x Sitara™ ARM Processors Technical Reference Manual (Literature
Number: SPRUGZ7).
7.2.2
SmartReflex [Not Supported]
The device contains SmartReflex modules that help to minimize power consumption on the Core Logic
Voltage Domains by using external variable-voltage power supplies. Based on the device process,
temperature, and desired performance, the SmartReflex modules advise the host processor to raise or
lower the supply voltage to each domain for minimal power consumption.
The communication link between the host processor and the external regulators is a system-level decision
and can be accomplished using GPIOs, I2C, SPI, or other methods. The following sections briefly
describe the two major techniques employed by SmartReflex: Dynamic Voltage Frequency Scaling
(DVFS) and Adaptive Voltage Scaling (AVS).
7.2.2.1
Dynamic Voltage Frequency Scaling (DVFS)
Each device Core Logic Voltage Domain can be run independently at one of several Operating
Performance Points (OPPs). An OPP for a specific Core Logic Voltage Domain is defined by: (1)
maximum frequencies of operation for Modules within the Domain and (2) an associated supply voltage
range. Trading off power versus performance, OPPs with lower maximum frequencies also have lower
voltage ranges for power savings.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
173
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com