Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 170 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 166Page - Texas Instruments AM3874 Datasheet HTML 167Page - Texas Instruments AM3874 Datasheet HTML 168Page - Texas Instruments AM3874 Datasheet HTML 169Page - Texas Instruments AM3874 Datasheet HTML 170Page - Texas Instruments AM3874 Datasheet HTML 171Page - Texas Instruments AM3874 Datasheet HTML 172Page - Texas Instruments AM3874 Datasheet HTML 173Page - Texas Instruments AM3874 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
6.4
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Low/Full speed: USB_DM
2.8
VDD_USB_3P
V
and USB_DP
3
High speed: USB_DM and
360
440
mV
USB_DP
VOH
High-level output voltage,
3.3 V, DVDDx = MIN, IOH =
2.4
V
LVCMOS(2) (3.3-V I/O)
MAX
High-level output voltage,
1.8 V, DVDDx = MIN, IOH =
1.26
V
LVCMOS(2) (1.8-V I/O)
MAX
Low/Full speed: USB_DM
0.0
0.3
V
and USB_DP
High speed: USB_DM and
-10
10
mV
USB_DP
Low-level output voltage,
3.3 V, DVDDx = MAX, IOL =
0.4
V
VOL
LVCMOS(2) (3.3-V I/O)
MAX
Low-level output voltage,
1.8 V, DVDDx = MAX, IOL =
0.4
V
LVCMOS(2) (1.8-V I/O)
MAX
Low-level output voltage,
1.8/3.3 V, IOL = 4mA
0.4
V
I2C (I2C[0], I2C[1])
LDOs (applies to all
1.5
V
LDOCAP_x pins)
Input current, LVCMOS(2),
0 < VI < DVDDx, 3.3 V pull
-20
20
µA
3.3 V mode
disabled
0 < VI < DVDDx, 3.3 V
20
100
300
µA
pulldown enabled(4)
0 < VI < DVDDx, 3.3 V
-20
-100
-300
µA
pullup enabled(4)
Input current, LVCMOS(2),
0 < VI < DVDDx, 1.8 V pull
-5
5
µA
II
(3)
1.8 V mode
disabled
0 < VI < DVDDx, 1.8 V
50
100
200
µA
pulldown enabled(4)
0 < VI < DVDDx, 1.8 V
-50
-100
-200
µA
pullup enabled(4)
Input current, I2C (I2C[0],
3.3 V mode
-20
20
µA
I2C[1])
1.8 V mode
-5
5
µA
3.3 V mode, pull enabled
-300
300
µA
3.3 V mode, pull disabled
-20
20
µA
IOZ
(5)
I/O Off-state output current
1.8 V mode, pull enabled
-200
200
µA
1.8 V mode, pull disabled
-5
5
µA
ICDD
Core (CVDD) supply current (scalable)
see note (6)
mA
ARM Core Current
see note (6)
mA
ICVDD_ARM
(Scalable)
(1)
For test conditions shown as MIN, MAX, or TYP, use the appropriate value specified in the recommended operating conditions table.
(2)
LVCMOS pins are all I/O pins powered by DVDD, DVDD_GPMC, DVDD_GPMCB, DVDD_SD, DVDD_C supplies except for I2C[0] and
I2C[1] pins.
(3)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(4)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(5)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
(6)
The actual current draw varies across manufacturing processes and is highly application-dependent. For more details on core and I/O
activity, as well as information relevant to board power supply design, see the TMS320DM814x/AM387x Power Estimation Spreadsheet
Application Report (Literature Number: SPRABO3). To determine the worst-case power consumption values, use the
TMS320DM814x/AM387x Power Estimation Spreadsheet Application Report.
170
Device Operating Conditions
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com